Electronic Components Datasheet Search
  English  ▼

X  

CXL5002P Datasheet(PDF) 5 Page - Sony Corporation

Part # CXL5002P
Description  CMOS-CCD 1/2H Delay Line for NTSC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5002P Datasheet(HTML) 5 Page - Sony Corporation

  CXL5002P Datasheet HTML 1Page - Sony Corporation CXL5002P Datasheet HTML 2Page - Sony Corporation CXL5002P Datasheet HTML 3Page - Sony Corporation CXL5002P Datasheet HTML 4Page - Sony Corporation CXL5002P Datasheet HTML 5Page - Sony Corporation CXL5002P Datasheet HTML 6Page - Sony Corporation CXL5002P Datasheet HTML 7Page - Sony Corporation CXL5002P Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
– 5 –
CXL5002M/P
Note 1) Frequency response measuring condition
V3.58MHz (Output signal voltage [Vp-p] at 3.58MHz input)
V250kHz (Output signal voltage [Vp-p] at 250kHz input)
Set Pin 8 (IN) voltage [V] = VIN-DC + 640mV.
3.58MHz, 300mVp-p sine wave
250kHz, 300mVp-p sine wave
640mV (adjust with VBIAS)
VIN-DC
[V]
Note 2) Differential gain and differential phase measuring condition
1H 63.5µs
40 IRE
140 IRE (1.0Vp-p)
Chroma 40 IRE
5-staircase wave signal
DG and DP are measured at output S point by vector scope.
Note 3) LPF frequency response
0
5.8
10.7
Frequency [MHz]
–50
–3
0
[dB]
Note 4) BPF frequency response
0
4.1M 10.7M
Frequency [Hz]
–50
–3
0
[dB]
200
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com