Electronic Components Datasheet Search
  English  ▼

X  

RF3210 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF3210
Description  303.825 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3210 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF3210 Datasheet HTML 1Page - RF Monolithics, Inc RF3210 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
©2009 by RF Monolithics, Inc.
RF3210 - 6/19/09
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at 25°C
fC
1, 2
303.745
303.905
MHz
Center Frequency Tolerance from 303.825 MHz
∆fC
±80
kHz
Insertion Loss
IL
1
1.7
3.0
dB
3 dB Passband
BW3
1, 2
500
700
800
kHz
Rejection
at fc - 21.4 MHz (Image)
1
40
50
dB
at fc - 10.7 MHz (LO)
15
35
Ultimate
60
Temperature
Operating Case Temp.
TC
3, 4
-40
+85
°C
Turnover Temperature
TO
10
25
40
Freq. Temp. Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
5
≤10
ppm/yr
Impedance @ fC
Input: ZIN = RIN || CIN
ZIN
1
80.3
Ω || 8.34 pF
Output: ZOUT = ROUT || COUT
ZOUT
91.4
Ω || 9.15 pF
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM RF3210
TO39-3 Case
•
Ideal Front-End Filter for 303.825 MHz Wireless Receivers
•
Low-Loss, Coupled-Resonator Quartz Design
•
Simple External Impedance Matching
•
Rugged TO39 Hermetic Package
•
Complies with Directive 2002/95/EC (RoHS)
The RF3210 is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed
to provide front-end selectivity in 303.825 MHz receivers. Receiver designs using this filter include
superheterodynes with 10.7 MHz or 500 kHz IF’s, direct conversions and superregeneratives.
This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically
greater than 40 dB, of the LO and image responses of superhet receivers with 10.7 MHz IF’s.
RFM’s advanced SAW design and fabrication technology is utilized to achieve high performance
and very low loss with simple external impedance matching (not included). Quartz construction
provides excellent frequency stability over a wide temperature range.
303.825 MHz
SAW Filter
RF3210
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with
VSWR
≤ 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fc. Note that insertion loss, bandwidth,
and passband shape are dependent on the impedance matching component values and quality.
2.
The frequency fc is defined as the midpoint between the 3dB frequencies.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may
be calculated from: f = fo [1 - FTC (To -Tc)
2].
5.
Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6.
The design, manufacturing process, and specifications of this device are subject to change without notice.
7.
One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
Pb


Similar Part No. - RF3210

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3210 MURATA-RF3210 Datasheet
220Kb / 2P
303.825 MHz SAW Filter
logo
RF Monolithics, Inc
RF3210D RFM-RF3210D Datasheet
574Kb / 2P
303.825 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3210D MURATA-RF3210D Datasheet
574Kb / 2P
303.825 MHz SAW Filter
More results

Similar Description - RF3210

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1210 RFM-RF1210 Datasheet
241Kb / 2P
303.825 MHz SAW Filter
RF1210B RFM-RF1210B Datasheet
284Kb / 2P
303.825 MHz SAW Filter
RF1210D RFM-RF1210D Datasheet
65Kb / 2P
303.825 MHz SAW Filter
RO2104 RFM-RO2104 Datasheet
146Kb / 2P
303.825 MHz SAW Resonator
logo
Vanlong Technology Co.,...
SF303 VANLONG-SF303 Datasheet
101Kb / 2P
303.825 MHz SAW Filter
logo
RF Monolithics, Inc
RF3210D RFM-RF3210D Datasheet
574Kb / 2P
303.825 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3104D MURATA-RO3104D Datasheet
100Kb / 2P
303.825 MHz SAW Resonator
RF3210 MURATA-RF3210 Datasheet
220Kb / 2P
303.825 MHz SAW Filter
RF3210D MURATA-RF3210D Datasheet
574Kb / 2P
303.825 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0541A TAI-SAW-TC0541A Datasheet
386Kb / 6P
SAW Resonator 303.825 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com