Electronic Components Datasheet Search
  English  ▼

X  

RF3210D Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF3210D
Description  303.825 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3210D Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF3210D Datasheet HTML 1Page - RF Monolithics, Inc RF3210D Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 2
©2009 by RF Monolithics, Inc.
RF3210D - 8/27/09

!
&
I n p u t
O u t p u t
%
$
#
"
1 2 0 n H
1 0 0 n H
%
$
#
"

!
&
I n p u t
O u t p u t
1 2 0 n H
1 0 0 n H
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage
12
VDC
Storage Temperature
-40 to +125
°C
Operable Temperature Range
-40 to +125
°C
Soldering Temperature, 10 seconds / 5 cycles maximum
260
°C
Pin
Connection
1
Input
2
Input Ground
3
Ground
4
Case Ground
5
Output
6
Output Ground
7
Ground
8
Case Ground
Matching Circuit to 50
Ω
Electrical Connections
A
1
2
3
B
7
6
5
4
C
H 7
6
5
4
E
F
G
1
2
3
8
8
D
Pin
Connection
1
Input Ground
2
Input
3
Ground
4
Case Ground
5
Output Ground
6
Output
7
Ground
8
Case Ground
Optional Electrical Connections
Optional Matching Circuit to 50
Ω
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.6
3.8
4.0
0.14
0.15
0.16
B
3.6
3.8
4.0
0.14
0.15
0.16
C
1.00
1.20
1.40
0.04
0.05
0.055
D
0.95
1.10
1.25
0.033
0.043
0.05
E
0.90
1.0
1.10
0.035
0.04
0.043
F
0.50
0.6
0.70
0.020
0.024
0.028
G
2.39
2.54
2.69
0.090
0.100
0.110
H
1.40
1.75
2.05
0.055
0.069
0.080



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com