Electronic Components Datasheet Search
  English  ▼

X  

RF3355C Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF3355C
Description  390.0 MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3355C Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF3355C Datasheet HTML 1Page - RF Monolithics, Inc RF3355C Datasheet HTML 2Page - RF Monolithics, Inc RF3355C Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
390.0 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 3
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF3355C-071907
CH1
S21
LOG
2 dB/
REF -4 dB
CH1
CENTER
390 . 000
000
MHz
SPAN
2 . 000
000
MHz
Cor
PRm
CH2
S21
LOG
10 dB/
REF -15 dB
CH2
CENTER
410 . 000
000
MHz
SPAN
130 . 000
000
MHz
Cor
PRm
9 May 2007 09:19:51
1
2
3
4
1 : -1 . 9298
dB
390 . 240
000
MHz
Max
CH1
Markers
BW :
. 752378
MHz
cent
:
390 . 068623
MHz
Q: 518 . 45
1_ loss
: -1 . 9298
dB
CH1 PASS
1
1 : -1 . 9994
dB
390 . 337
500
MHz
Max
CH2 PASS
RF3355C Dev11 RF3355C Fix.
Full
Resp
CH1
S11
1 U FS
CENTER
390 . 000
000
MHz
SPAN
2 . 000
000
MHz
Cor
PRm
CH2
S22
1 U FS
Cor
PRm
9 May 2007 09:20:08
1
1 : 50 . 514
4 . 0898
1 . 6690
nH
390 . 000
000
MHz
1
1 : 50 . 689
6 . 7070
2 . 7371
nH
390 . 000
000
MHz
RF3355C Dev11 RF3355C Fix.
Full
Full



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com