Electronic Components Datasheet Search
  English  ▼

X  

RF3404D Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF3404D
Description  433.92 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3404D Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF3404D Datasheet HTML 1Page - RF Monolithics, Inc RF3404D Datasheet HTML 2Page - RF Monolithics, Inc RF3404D Datasheet HTML 3Page - RF Monolithics, Inc RF3404D Datasheet HTML 4Page - RF Monolithics, Inc RF3404D Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 5
©2008 by RF Monolithics, Inc.
RF3404D - 3/21/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at 25°C
Absolute Frequency
fc
1, 2, 3
433.92
MHz
Insertion Loss
ILMIN
1, 3
2.3
3.0
dB
Passband Ripple (Relative to ILMIN) Fc ±200kHz
1, 3
1.2
2.0
dB
3 dB Bandwidth
BW3
1, 3
500
600
800
kHz
Rejection Attenuation: (relative to ILmin)
10 - 414 MHz
1, 3
50
53
dB
414 - 424 MHz
45
50
424 - 431 MHz
30
34
431 - 432 MHz
18
22
432 - 433 MHz
12
14
434.92 - 442 MHz
11
14
442 - 550 MHz
35
37
550 - 1000 MHz
50
55
Temperature
Freq. Temp. Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
5
≤10
ppm/yr
Impedance @ fc
Input ZIN = RINllCIN
ZIN
1
2853
Ω // 1.66pf
Output ZOUT = ROUTllCOUT
ZOUT
2411
Ω // 1.73pf
Lid Symbolization (Y=year WW=week S=shift)
539 // YWWS
Standard Reel Quantity
Reel Size 7 Inch
9
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with
VSWR
≤ 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, f
c. Note that insertion loss and band-
width and passband shape are dependent on the impedance matching component values and quality.
2.
The frequency fc is defined as the midpoint between the 3dB frequencies.
3.
Where noted specifications apply over the entire specified operating temperature range of -40°C to +125°C.
4.
The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may
be calculated from: f = fo [1 - FTC (To -Tc)
2].
5.
Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6.
The design, manufacturing process, and specifications of this device are subject to change.
7.
One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
9.
Tape and Reel Standard Per ANSI / EIA 481.
10. This product complies with Directive 2002/95/EC of the European Parlament and of the Council of 27 January 2003 on the restriction of the use of
certain hazadous substances in electrical and electronic equipment.
Absolute Maximum Ratings
Characteristic
Value
Units
Input Power Level
10
dBm
DC Voltage
12
VDC
Storage Temperature
-40 to +125
°C
Operable Temperature Range
-40 to +125
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com