Electronic Components Datasheet Search
  English  ▼

X  

RF3417D Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF3417D
Description  315.0 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3417D Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF3417D Datasheet HTML 1Page - RF Monolithics, Inc RF3417D Datasheet HTML 2Page - RF Monolithics, Inc RF3417D Datasheet HTML 3Page - RF Monolithics, Inc RF3417D Datasheet HTML 4Page - RF Monolithics, Inc RF3417D Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 5
©2009 by RF Monolithics, Inc.
RF3417D - 3/19/09
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage
12
VDC
Storage Temperature
-40 to +125
°C
Operable Temperature Range
-40 to +125
°C
Soldering Temperature (10 seconds / 5 cycles maximum)
260
°C
Electrical Characteristics, -40°C to +125°C Per Note 3 Below
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at 25°C
fc
1, 2, 3
314.85
315.00
315.15
MHz
Insertion Loss
ILMIN
1, 3
2.3
3.0
dB
Passband Ripple Relative to ILMIN ,Fc ±200 kHz
1, 3
0.5
1.4
dB
3 dB Bandwidth
BW3
1, 3
500
600
800
kHz
Rejection Relative to ILMIN
10 - 295 MHz
1, 3
44
49
dB
295 - 305 MHz
39
44
305 - 310 MHz
27
30
310 - 313 MHz
17
20
313 - 314 MHz
7
10
316 - 320 MHz
9
12
320 - 325 MHz
16
20
325 - 335 MHz
32
36
335 - 600 MHz
42
45
600 - 1000 MHz
55
60
Temperature
Freq. Temp. Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
lfAl
5
≤10
ppm/yr
Impedance @ fc
Input ZIN = RINllCIN
ZIN
1
1.92 k
Ω || 5.93 pF
Output ZOUT = ROUTllCOUT
ZOUT
1.28 k
Ω || 6.09 pF
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with
VSWR
≤ 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fc. Note that insertion loss and band-
width and passband shape are dependent on the impedance matching component values and quality.
2.
The frequency fc is defined as the midpoint between the 3 dB frequencies.
3.
Where noted specifications apply over the entire specified operating temperature range of -40 °C to +125 °C.
4.
The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may
be calculated from: f = fo [1 - FTC (To -Tc)
2].
5.
Frequency aging is the change in fc with time and is specified at +65 °C or less. Aging may exceed the specification for prolonged temperatures
above +65 °C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6.
The design, manufacturing process, and specifications of this device are subject to change.
7.
One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com