Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 54 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 54 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 50Page - SPANSION S29GL01GS Datasheet HTML 51Page - SPANSION S29GL01GS Datasheet HTML 52Page - SPANSION S29GL01GS Datasheet HTML 53Page - SPANSION S29GL01GS Datasheet HTML 54Page - SPANSION S29GL01GS Datasheet HTML 55Page - SPANSION S29GL01GS Datasheet HTML 56Page - SPANSION S29GL01GS Datasheet HTML 57Page - SPANSION S29GL01GS Datasheet HTML 58Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 104 page
background image
54
GL-S MirrorBit® Family
S29GL_128S_01GS_00_06 March 16, 2012
Da ta
Sh e e t
Table 5.23 Non-Volatile Protection Command State Transition
Current
State
Command
and
Condition
Read
Software
Reset /
ASO Exit
Status
Register
Read
Enter
Status
Register
Clear
Command
Set Exit
Entry
Command
Set Exit
Program
Entry
DYB Set
Start
All PPB
Erase
Enter
All PPB
Erase
Start
Address
RA
xh
x555h
x555h
xh
xh
xh
(SA)xh
Xh
0h
Data
RD
xF0h
x70h
x71h
x90h
x00h
xA0h
x00h
x80h
x30h
PPB
-
PPB
READ
PPBSR
(PPB)
PPB
PPBEXT
-
PPBPG1
-
PPBPG1
-
PPBPG1
-
PPBPG1
READ
-
-
-
PPBPG
-
PPB
-
PPBER
PPBPG
SR(7) = 0
PPBPG
-
PPBSR
(PPBPG)
-
------
SR(7) = 1
READ
READ
PPBER
SR(7) = 0
PPBER
-
PPBSR
(PPBER)
-
------
SR(7) = 1
READ
READ
PPBSR
-
(return)
---------
PPBEXT
-
PPBEXT
----
READ
----
Table 5.24 PPB Lock Bit Command State Transition
Current State
Command
and Condition
Read
Software
Reset / ASO
Exit
Status
Register Read
Enter
Status
Register Clear
Command Set
Exit Entry
Command Set
Exit
Program Entry
Address
RA
xh
x555h
x555h
xh
xh
xh
Data
RD
xF0h
x70h
x71h
x90h
x00h
xA0h
PPBLB
-
PPBLB
READ
PPBLBSR
(PPBLB)
PPBLB
PPBLBEXT
-
PPBLBSET
PPBLBSR
-
(return)
-
---
--
PPBLBSET
-
PPBLBSET
-
-
-
-
PPBLB
-
LR(2) = 0 and
LR(5) = 0
PPBLBEXT
-
PPBLBEXT
-
-
-
-
READ
-
Table 5.25 Volatile Sector Protection Command State Transition
Current
State
Command
and
Condition
Read
Software
Reset / ASO
Exit
Status
Register
Read Enter
Status
Register
Clear
Command
Set Exit
Entry
Command
Set Exit
Program
Entry
DYB Set
Start
DYB Clear
Start
Address
RA
xh
x555h
x555h
xh
xh
xh
(SA)xh
(SA)xh
Data
RD
xF0h
x70h
x71h
x90h
x00h
xA0h
x00h
x01h
DYB
-
DYB
READ
DYBSR
(DYB)
DYB
DTBEXT
-
DYBSET
-
-
DYBSR
-
(return)
---
---
--
DYBSET
-
DYBSET
-
-
-
-
-
-
DYB
DYB
DYBEXT
-
DYBEXT
-
-
-
-
READ
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com