Electronic Components Datasheet Search
  English  ▼

X  

RF3607D Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF3607D
Description  403.5 MHz SAW Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3607D Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF3607D Datasheet HTML 1Page - RF Monolithics, Inc RF3607D Datasheet HTML 2Page - RF Monolithics, Inc RF3607D Datasheet HTML 3Page - RF Monolithics, Inc RF3607D Datasheet HTML 4Page - RF Monolithics, Inc RF3607D Datasheet HTML 5Page - RF Monolithics, Inc RF3607D Datasheet HTML 6Page - RF Monolithics, Inc RF3607D Datasheet HTML 7Page - RF Monolithics, Inc RF3607D Datasheet HTML 8Page - RF Monolithics, Inc RF3607D Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 10
©2009-2010 by RF Monolithics, Inc.
RF3607D - 3/3/10
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
403.5
MHz
1 dB Bandwidth
BW1
18
MHz
Maximum Insertion Loss, 402.0 to 407.3 MHz
ILMAX
1.7
2.0
dB
Amplitude Ripple, p-p, 402.0 to 407.3 MHz
0.6
Rejection Referenced to Insertion Loss at 403.5 MHz:
DC to 383.5 MHz
40
43
483.5 to 450.5 MHz
30
33
450.5 to 850.5 MHz
47
50
850.5 to 1350.5 MHz
32
35
1350.5 to 2000 MHz
21
24
Source Impedance
ZS
50
Ω
Balanced Load Impedance
ZL
150
Ω
Case Style
SM3838-8 3.8 x 3.8 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
890, YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Connection
Terminals
Single-ended Port
6
Balanced Port
1, 3
Case Ground
4, 5, 7, 8
No Connection
2
• 402.0 to 407.3 MHz Filter
• Optimized for use with the TRC105 Transceiver
• Balanced 150 ohm IC Interface
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
+15
dBm
DC Voltage
±5
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
403.5 MHz
SAW Filter
RF3607D
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
The design, manufacturing process, and specifications of this filter are subject to change.
5.
US and international patents may apply.
6.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
SM3838-8
Preliminary


Similar Part No. - RF3607D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3607D MURATA-RF3607D Datasheet
507Kb / 10P
403.5 MHz SAW Filter
More results

Similar Description - RF3607D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1419D RFM-RF1419D Datasheet
80Kb / 3P
403.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0520A TAI-SAW-TA0520A Datasheet
359Kb / 6P
SAW Filter 403.5 MHz
TA0997A TAI-SAW-TA0997A Datasheet
384Kb / 8P
SAW Filter 403.5 MHz
logo
Murata Manufacturing Co...
RF1419D MURATA-RF1419D Datasheet
73Kb / 3P
403.5 MHz SAW Filter
RF3607D MURATA-RF3607D Datasheet
507Kb / 10P
403.5 MHz SAW Filter
logo
TriQuint Semiconductor
856990 TRIQUINT-856990_15 Datasheet
636Kb / 6P
403.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1135B TAI-SAW-TA1135B Datasheet
245Kb / 6P
SAW Filter 403.5 MHz
TA1774A TAI-SAW-TA1774A Datasheet
688Kb / 8P
SAW Filter 403.5 MHz
TA1940A TAI-SAW-TA1940A Datasheet
471Kb / 7P
SAW Filter 403.5 MHz
TA1994A TAI-SAW-TA1994A Datasheet
330Kb / 6P
SAW Filter 403.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com