Electronic Components Datasheet Search
  English  ▼

X  

RF3701E Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF3701E
Description  433.92 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3701E Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF3701E Datasheet HTML 1Page - RF Monolithics, Inc RF3701E Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
©2009-2010 by RF Monolithics, Inc.
RF3701E - 12/14/10
•
Ideal Front-End Filter for European Wireless Receivers
•
Low-Loss, Coupled-Resonator Quartz Design
•
Simple External Impedance Matching
•
Complies with Directive 2002/95/EC (RoHS)
The RF3701E is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter
designed to provide front-end RF selectivity in 433.92 MHz receivers. Receiver designs using
this filter include superheterodyne with 10.7 MHz or lower intermediate frequencies, plus direct
conversion and superregeneratives.
433.92 MHz
SAW Filter
RF3701E
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with VSWR ≤ 1.2:1. The
test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fc. Note that insertion loss and bandwidth and passband shape are dependent on
the impedance matching component values and quality.
2.
The frequency fc is defined as the midpoint between the 3dB frequencies.
3.
Where noted specifications apply over the entire specified operating temperature range of -40 to 90°C.
4.
The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may be calculated from:
f=fo [1 - FTC (To -Tc)
2].
5.
Frequency aging is the change in fc with time and is specified at +65 °C or less. Aging may exceed the specification for prolonged temperatures above +65 °C. Typically,
aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6.
The design, manufacturing process, and specifications of this device are subject to change.
7.
One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
9.
Tape and Reel Standard for ANSI / EIA 481.
SM3030-8 Case
3.0 x 3.0
Pb
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency @ 25°C
fC
1, 2, 3
433.92
MHz
Insertion Loss
ILMIN
1, 3
2.5
3.2
dB
3 dB Bandwidth
BW3
1, 2, 3
650
750
850
kHz
Passband Ripple, 433.72 to 434.12 MHz
0.5
1.0
dBP-P
Attenuation
relative to ILMIN
10 to 414 MHz
1, 3
44
47
dB
414 to 424 MHz
42
45
424 to 431 MHz
27
30
431 to 432 MHz
17
20
432 to 433 MHz
14
17
434.92 to 442 MHz
13
16
442 to 550 MHz
33
37
550 to 1000 MHz
47
50
Temperature
Freq. Temp. Coefficient
FTC
3, 4
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
5
<10
ppm/yr
Impedance @ fC
Input ZIN = RIN || CIN
ZIN
1
3530
Ω || 2.42 pF
Output ZOUT = ROUT || COUT
ZOUT
3330
Ω || 2.42 pF
Lid Symbolization (in addition to Lot and/or Date Codes)
940 // YWWS
Standard Reel Quantity
Reel Size 7 Inch
9
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel


Similar Part No. - RF3701E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3701E MURATA-RF3701E Datasheet
459Kb / 2P
433.92 MHz SAW Filter
More results

Similar Description - RF3701E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1404C RFM-RF1404C Datasheet
127Kb / 3P
433.92 MHz SAW Filter
RF1172D RFM-RF1172D Datasheet
115Kb / 2P
433.92 MHz SAW Filter
logo
EPCOS
B3732 EPCOS-B3732 Datasheet
79Kb / 9P
SAW filter 433.92 MHz
logo
Vanlong Technology Co.,...
SF5507 VANLONG-SF5507 Datasheet
130Kb / 2P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3404E RFM-RF3404E Datasheet
122Kb / 4P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
433.92 MHz SAW Filter
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
433.92 MHz SAW Filter
RF1404C MURATA-RF1404C Datasheet
121Kb / 3P
433.92 MHz SAW Filter
RF3446E MURATA-RF3446E Datasheet
81Kb / 3P
433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2492A TAI-SAW-TA2492A Datasheet
887Kb / 7P
SAW Filter 433.92 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com