Electronic Components Datasheet Search
  English  ▼

X  

744202 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744202
Description  WE-SL SMD Common Mode Line Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744202 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744202 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744202 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744202 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744202 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744202 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744202 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7.1
7.0
6.0
REV
2012-07-17
2012-07-17
2010-12-06
DATE
SSt
SSt
SBa
BY
SSt
SBa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SL SMD Common Mode Line Filter
Order.- No.
744202
SIZE
A4
A Dimensions: [mm]
B Land Pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Impendance
Rated Current
DC Resistance
Insulation Test Voltage
Rated Voltage
Test conditions
100 kHz/ 10 mV
∆T = 40 K
L
Zmax
IR
RDC
UT
UR
Value
4x 1000
5000
350
0.40
500
80
Unit
µH
Ω
mA
Ω
V (AC)
V
Tol.
±35%
typ.
max.
max.
max.
max.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
Ambient temperature: -40°C to +85°C (refering to IR)
Operating temperature: -40°C to +125°C
Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 744202

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744201 WURTH-744201 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744203 WURTH-744203 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744204 WURTH-744204 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744205 WURTH-744205 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744206 WURTH-744206 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
More results

Similar Description - 744202

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744201 WURTH-744201 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744203 WURTH-744203 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744204 WURTH-744204 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744205 WURTH-744205 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744206 WURTH-744206 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744207 WURTH-744207 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744212331 WURTH-744212331 Datasheet
1Mb / 6P
WE-SL1 SMD Common Mode Line Filter
744212470 WURTH-744212470 Datasheet
1Mb / 6P
WE-SL1 SMD Common Mode Line Filter
744212510 WURTH-744212510 Datasheet
1Mb / 6P
WE-SL1 SMD Common Mode Line Filter
744212820 WURTH-744212820 Datasheet
1Mb / 6P
WE-SL1 SMD Common Mode Line Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com