Electronic Components Datasheet Search
  English  ▼

X  

DEVKIT-M24LR-A Datasheet(PDF) 1 Page - STMicroelectronics

Part # DEVKIT-M24LR-A
Description  Development kit for M24LRxx Dual Interface EEPROMs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DEVKIT-M24LR-A Datasheet(HTML) 1 Page - STMicroelectronics

  DEVKIT-M24LR-A Datasheet HTML 1Page - STMicroelectronics DEVKIT-M24LR-A Datasheet HTML 2Page - STMicroelectronics DEVKIT-M24LR-A Datasheet HTML 3Page - STMicroelectronics DEVKIT-M24LR-A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2011
Doc ID 17872 Rev 2
1/4
4
DEVKIT-M24LR-A
Development kit
for M24LRxx Dual Interface EEPROMs
Features
■ Middle-range RF reader (ISO 15693, RF 13.56
MHz) interfaced via the USB bus
■ External RF reader antenna
■ Serial EEPROM USB reader interfaced
through the USB bus
■ ANT1-M24LR-A antenna reference board
■ I2C cable to connect the serial EEPROM USB
reader to the ANT1-M24LR-A
■ External power supply
■ Installation CD-ROM including
– Technical documentation
– Installation software
–PC software
Description
The DEVKIT-M24LR-A is a development kit for ST
Dual Interface EEPROM products which allows
system designers to evaluate the I2C and RF
performance and capabilities of M24LRxx
devices.
RF applications can be developed using the
ISO15693 13.56 MHz RF reader.
www.st.com


Similar Part No. - DEVKIT-M24LR-A

ManufacturerPart #DatasheetDescription
logo
CUI INC
DEVKIT-MEMS-001 CUI-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/06/2020
logo
CUI Devices
DEVKIT-MEMS-001 CUID-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/13/2023
logo
NXP Semiconductors
DEVKIT-MPC5748G NXP-DEVKIT-MPC5748G Datasheet
1Mb / 23P
Ultra-Reliable MCUs for Industrial and Automotive Applications
More results

Similar Description - DEVKIT-M24LR-A

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
IPS-DDK ZORAN-IPS-DDK Datasheet
107Kb / 2P
Driver Development Kit for Windows
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
CP250X DEVELOPMENT KIT
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
SPIRIT1 development kit
28-Nov-2013
logo
List of Unclassifed Man...
C8051F36X ETC2-C8051F36X Datasheet
438Kb / 13P
C8051F36x DEVELOPMENT KIT
logo
Texas Instruments
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
LaunchPad Development Kit
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
Qseven Development Kit
6-Jun-2018
logo
CUI Devices
DEVKIT-ECM-001 CUID-DEVKIT-ECM-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/13/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com