Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-MIC02F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF02-MIC02F2
Description  2-line IPAD?? EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC02F2 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF02-MIC02F2_11 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC02F2_11 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC02F2_11 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC02F2_11 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC02F2_11 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC02F2_11 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC02F2_11 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC02F2_11 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EMIF02-MIC02F2
Electrical characteristics
Doc ID 10913 Rev 4
3/8
Figure 3.
Attenuation measurement and
Aplac simulation
Figure 4.
Analog crosstalk measurements
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 50.00
- 45.00
- 40.00
- 35.00
- 30.00
- 25.00
- 20.00
- 15.00
- 10.00
S21 (dB)
Measurement
Simulation
F (Hz)
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
dB
-
-
-
-
-
-
I2/O1
F (Hz)
Figure 5.
Digital crosstalk measurement
Figure 6.
ESD response to IEC61000-4-2
(-15 kV air discharge) on one input
V(in) and on one output V(out)
Figure 7.
ESD response to IEC61000-4-2
(+15 kV air discharge) on one input
V(in) and on one output V(out)
Figure 8.
Line capacitance versus applied
voltage
0
2
4
6
8
10
12
14
16
18
20
012
3456
789
10
11
12
V (V)
R
F=1MHz
V
osc=30mVRMS
T
j=25°C
C(pF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com