Electronic Components Datasheet Search
  English  ▼

X  

EMIF03-SIM02F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF03-SIM02F3
Description  3-line IPAD?? EMI filter including ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF03-SIM02F3_10 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Aplac model
EMIF03-SIM02F3
4/9
Doc ID 11554 Rev 5
2
Aplac model
Figure 10.
Aplac model
Figure 11.
Aplac parameters
MODEL = Dint1
MODEL = Dint1
MODEL = Dext2
MODEL = Dext3
c2
Lbump Rbump
100
47
100
MODEL = Dint2
MODEL = Dext1
MODEL = Dext1
Bulk
Lbump
Rbump
Lbump
Rbump
Lbump
Rbump
Lbump Rbump
Lbump Rbump
Lbump Rbump
a3
b3
c3
a2
b1
c1
Lbump
Rbump
Lgnd
Rgnd
Cgnd
aplacvar Ls 950pH
aplacvar Rs 150m
aplacvar Cext1 12pF
aplacvar Cext2 14pF
aplacvar Cext3 18pF
aplacvar Cint1 4.5pF
aplacvar Cint2 4pF
aplacvar Rbump 17m
aplacvar Lbump 43pH
aplacvar Rgnd 500m
aplacvar Lgnd 50pH
aplacvar Cgnd 0.15pF
aplacvar Rsub 100m
Dint1
BV=15
CJO=Cint1
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.29
VJ=0.6
TT=50n
Dext1
BV=15
CJO=Cext1
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.25
VJ=0.6
TT=50n
Dint2
BV=15
CJO=Cint2
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.31
VJ=0.6
TT=50n
Dext2
BV=15
CJO=Cext2
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.28
VJ=0.6
TT=50n
Dext3
BV=15
CJO=Cext3
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.25
VJ=0.6
TT=50n



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com