Electronic Components Datasheet Search
  English  ▼

X  

SF2289C Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2289C
Description  155 MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2289C Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2289C Datasheet HTML 1Page - RF Monolithics, Inc SF2289C Datasheet HTML 2Page - RF Monolithics, Inc SF2289C Datasheet HTML 3Page - RF Monolithics, Inc SF2289C Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 4
© 2011-2012 by RF Monolithics, Inc.
SF2289C 10/1/12
CH1
S11
1 U FS
CENTR
1 55 . 000
MHz
SP AN
150 . 000
MHz
C
CH2
S 21
LOG
10 dB /
REF -40 dB
CENTER
15 5 . 000
0 00
MHz
SPA N
150 . 000
00 0
MHz
C
CH3
S 22
1 U FS
CENTR
155 . 000
MHz
SPA N
150 . 000
MHz
C
28 Oct 2011 04:45:52
1
1: 50 . 283
-25
. 67 2
39 . 997
pF
155 . 000
000
MHz
1
1 : -4 . 1612
d B
155 . 000
000
MHz
1
1: 41 .52 3
2. 2246
2 . 2842
nH
155 . 0 00
000
MHz
SF2289C
Full
Full
Filter Broadband Plot
Filter Impedance and Passband Plot
CH1
S21
LO G
10 dB/
REF -40 dB
CENTER
155 . 000
000
MHz
SPA N
150 . 000
000
MHz
C
28 Oct 2011 04:49:19
1
2
3
4
4 : -44
. 573dB
75 . 000000
MHz
REF=1
CH1
Markers
1 : 0 . 0000
dB
0 . 00000
Hz
2: -54
. 677
dB
-38
. 8000
MHz
3: -45
. 349
dB
38 . 8000
MHz
SF2289C
reject ion
Full



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com