Electronic Components Datasheet Search
  English  ▼

X  

SPC563M64AVB176 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC563M64AVB176
Description  SPC563Mxx microcontroller family calibration and emulation system
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64AVB176 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC563M64AVB176 Datasheet HTML 1Page - STMicroelectronics SPC563M64AVB176 Datasheet HTML 2Page - STMicroelectronics SPC563M64AVB176 Datasheet HTML 3Page - STMicroelectronics SPC563M64AVB176 Datasheet HTML 4Page - STMicroelectronics SPC563M64AVB176 Datasheet HTML 5Page - STMicroelectronics SPC563M64AVB176 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For further information contact your local STMicroelectronics sales office.
September 2012
Doc ID 023382 Rev 2
1/6
1
SPC563M64AVB144/176
SPC563Mxx microcontroller family calibration and emulation
system
Data brief
Features
■ Support for LQFP144 and LQFP176 MCU
production packages allowing calibration
systems to be built without requiring
modifications to the standard production
system housing
■
VertiCal interconnect standard supported by
multiple calibration tool developers, ensuring
maximum flexibility in tool choice.
■
On-board latch providing a 16-bit de-
multiplexed bus interface from the
SPC563M64 16-bit multiplexed calibration
interface.
■
Support for Nexus-based debug tools even if
application PCB does not include Nexus
connector.
■ Nexus functionality with 12 Message Data Out
(MDO) signals.
■
Support for full-feature calibration tools, via
availability of comprehensive set of device
signals available on VertiCal connector.
■
Allows system calibration without impacting
standard MCU I/O resources.
■
Allows system calibration regardless of
availability of standard MCU external bus.
■
Specifications:
–
Board Size 30 x 40.5mm
–
Target connector compatible with
TQPACK144SD and TQPACK176SD
sockets
Description
The Vertical Adapter is designed to substitute the
device on an ECU version used during engine
calibration.
All VertiCal hardware is designed to support a
standardized tool connector, allowing a variety of
calibration and debug hardware to be connected
and reused.
VertiCal components are available to support a
wide range of SPC563M64 devices in various
package types.
The complete system consists of a
SPC563M64AVB144/176 board, a calibration
RAM board SPC56XVTOP-M and a POLYPOD-
TQ144/176 Poly-Pod which plugs directly into the
motherboard.
www.st.com


Similar Part No. - SPC563M64AVB176

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
Allows system calibration regardless of availability of standard MCU external bus
13-Sep-2013
More results

Similar Description - SPC563M64AVB176

ManufacturerPart #DatasheetDescription
logo
Winbond
W78958B WINBOND-W78958B Datasheet
272Kb / 28P
8-BIT EMULATION MICROCONTROLLER
logo
Infineon Technologies A...
XC800 INFINEON-XC800 Datasheet
1Mb / 132P
Microcontroller Family Architecture and Instruction Set
V 0.1, Jan 2005
logo
STMicroelectronics
SPC564A70CAL176 STMICROELECTRONICS-SPC564A70CAL176 Datasheet
152Kb / 6P
SPC564Axx microcontroller family calibration and emulation system
16-Jul-2012
SPC564A80CAL176 STMICROELECTRONICS-SPC564A80CAL176 Datasheet
152Kb / 6P
SPC564Axx microcontroller family calibration and emulation system
16-Jul-2012
SPC564AADPT324S STMICROELECTRONICS-SPC564AADPT324S Datasheet
105Kb / 4P
SPC563Mxx, SPC564Axx microcontroller family evaluation board
20-Sep-2012
logo
New Jersey Semi-Conduct...
U401 NJSEMI-U401 Datasheet
96Kb / 2P
Minimum System Error and Calibration
logo
STMicroelectronics
AN4475 STMICROELECTRONICS-AN4475 Datasheet
321Kb / 26P
Safety Application Guide for SPC563Mxx family
05-May-2014
logo
Keysight Technologies
5992-1606 KEYSIGHT-5992-1606 Datasheet
3Mb / 10P
Propsim Channel Emulation Aerospace, Satellite and Airborne Radio System Testing
logo
STMicroelectronics
SPC563M64CAL144 STMICROELECTRONICS-SPC563M64CAL144 Datasheet
66Kb / 7P
SPC563M64CALxx microcontroller family calibration and emulation system
17-Sep-2013
logo
Ralston Instruments.
QTHA-BLB0-1F-1F RALSTON-QTHA-BLB0-1F-1F_19 Datasheet
302Kb / 1P
Keep a calibration system pressurized
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com