Electronic Components Datasheet Search
  English  ▼

X  

CXP508L6 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP508L6
Description  CMOS 4-bit Single Chip Microcomputer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP508L6 Datasheet(HTML) 5 Page - Sony Corporation

  CXP508L6 Datasheet HTML 1Page - Sony Corporation CXP508L6 Datasheet HTML 2Page - Sony Corporation CXP508L6 Datasheet HTML 3Page - Sony Corporation CXP508L6 Datasheet HTML 4Page - Sony Corporation CXP508L6 Datasheet HTML 5Page - Sony Corporation CXP508L6 Datasheet HTML 6Page - Sony Corporation CXP508L6 Datasheet HTML 7Page - Sony Corporation CXP508L6 Datasheet HTML 8Page - Sony Corporation CXP508L6 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
– 5 –
CXP508L4/508L6
Electrical Characteristics
DC characteristics
(Ta = –20 to +75°C, VSS = 0V)
Item
High level output
voltage
VOH
PA to PF∗1,
PX0 to PX2,
PY0, PY1,
VL (VOL only)
VDD = 2.4V, IOH = –0.3mA∗2
VDD = 2.4V, IOH = –0.5mA∗2
VDD = 2.4V, IOH = –5µA∗3
VDD = 2.4V, IOH = –10µA∗3
VDD = 2.4V, IOL = 1.0mA
VDD = 2.4V, IOL = 2.0mA
VDD = 3.5V, VIH = 3.5V
VDD = 3.5V, VIL = 0.4V
1.8
1.4
1.8
1.4
0.3
–0.3
–1.5
3
5
1.3
0.6
10
0.4
0.6
20
–20
–200
–1.0
±5
5
15
4
1.2
7
20
V
V
V
V
V
V
µA
µA
µA
mA
µA
k
Ω
k
Ω
mA
mA
µA
pF
VDD = 3.5V
VI = 0, 3.5V
VDD = 3.5V
VLC1 = 2.65V
VLC2 = 1.75V
VLC3 = 0.88V
VDD = 3.5V During external clock
1MHz operation
Entire output pins open
Clock 1MHz
0V other than the measured
pins
SLEEP mode
STOP mode
EXTAL∗4
RST∗5
PA to PF∗6,
PX0 to PX2∗6,
PX3∗8, PY0∗7,
PY1∗7, PY2∗8,
PY3∗8, INT1∗8,
WP∗8, RST∗5
COM0 to COM3
SEG0 to SEG15
SEG16 to SEG23∗1
VDD
VLC1 to VLC3,
COM0 to COM3,
SEG0 to SEG15,
SEG16 to SEG23∗1,
Other pins than VDD,
VSS
VOL
IIH
IILE
IILR
IIL
IIZ
RCOM
RSEG
IDD
IDDSP
IDDS
CIN
Low level output
voltage
Input current
High impedance
I/O leakage current
Common output
impedance
Segment output
impedance
Current power
supply
Input capacitance
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
∗1 The PE to PF show when the combined pins are selected as the port, and SEG16 to SEG23 show when
the combined pins are selected as the segment output.
∗2 It is when the respective pins of PA to PF and PX0 to PX2 select the 3-state output circuit, and PY0 and
PY1 are when the inverter output circuit is selected.
∗3 It is when the respective pins of PA to PF, PX0 to PX2, PY0 and PY1 select the pull-up resistance.
∗4 It is when the crystal or ceramic oscillation circuit is selected.
∗5 The RST pin specifies the input current when the pull-up resistance is selected, and specifies leakage
current when non-resistance is selected.
∗6 The respective pins of PA to PF and PX0 to PX2 specify the input current when the pull-up resistance is
selected, and specify the leakage current when in the port state during the 3-state output circuit or standby
is selected at high impedance.
∗7 The respective pins of PY0 and PY1 specify the input current when the pull-up resistance is selected, and
specify the leakage current when in the port state during standby is selected at high impedance.
∗8 The respective pins of PX3, PY2, PY3, INT1 and WP only specify the leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com