Electronic Components Datasheet Search
  English  ▼

X  

U74LVC1G66G-AL5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74LVC1G66G-AL5-R
Description  The U74LVC1G66 is a high-speed CMOS device.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G66G-AL5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74LVC1G66G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G66G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G66G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G66G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G66G-AL5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G66G-AL5-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G66G-AL5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
U74LVC1G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-794.A
TEST CIRCUIT AND WAVEFORMS
TEST
S
TPLH/TPHL
OPEN
TPHZ/TPZH
GND
TPLZ/TPZL
VLOAD
Note: CL includes probe and jig capacitance.
VCC
VI
tR, tF
VM
VLOAD
CL
RL
V△
1.65V~1.95V
VCC
≤2ns
VCC/2
2×Vcc
30pF
1kΩ
0.15V
2.3V~2.7V
VCC
≤2ns
VCC/2
2×Vcc
30pF
500Ω
0.15V
3.0V~3.6V
VCC
≤2.5ns
VCC/2
2×Vcc
50pF
500Ω
0.3V
4.5V~5.5V
VCC
≤2.5ns
VCC/2
2×Vcc
50pF
500Ω
0.3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com