Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TDR003V1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEVAL-TDR003V1
Description  2-stage RF power amp: PD84001 PD54008L-E LPF N-channel enhancement-mode lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR003V1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-TDR003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STEVAL-TDR003V1
Typical performance
Doc ID 17343 Rev 1
7/20
Table 4.
Component list
Designator
Manufacturer
Size
Value
Comment
Part number
C1, C5, C16
Murata
0603
nc
Capacitor
C6
Murata
0603
1 uF
Capacitor
C1F
Murata
0603
3.3 pF
Capacitor
GRM1885C1H3R3CZ01
C2, C3, C4, C7,
C8, C9, C10
Murata
0603
330 pF
Capacitor
GRM1885C1H391JA01
C2F
Murata
0603
18 pF
Capacitor
GRM1885C1H180JA01
C3F
Murata
0603
12 pF
Capacitor
GRM1885C1H120JA01
C4F, C6F
Murata
0603
22 pF
Capacitor
GRM1885C1H220JA01
C5F, C12
Murata
0603
27 pF
Capacitor
GRM1885C1H270JA01
C7F
Murata
0603
15 pF
Capacitor
GRM1885C1H150JA01
C11
Murata
0603
56 pF
Capacitor
GRM1885C1H560JA01
C13
Murata
0603
33 pF
Capacitor
GRM1885C1H330JA01
C14
Murata
0603
100 pF
Capacitor
GRM1885C1H101JA01
C15
Murata
0603
39 pF
Capacitor
GRM1885C1H390JA01
DC-CON1
Phoenix contact
2.54 mm, 5 pole
DC connector
1725685
L1
Coilcraft
1812
24 nH
Inductor
1812SMS-33NJ
L1F
Coilcraft
1008
39 nH
Inductor
1008CS-390NX_BW
L2
Coilcraft
1812
33 nH
Inductor
1812SMS-33NJ
L2F
Coilcraft
1008
22 nH
Inductor
1008CS-220NX_BW
L3
Coilcraft
1812
35.5 nH
Inductor
1812SMS-22NJ
L3F
Coilcraft
1008
27 nH
Inductor
1008CS-270NX_BW
L4
Coilcraft
0603
18 nH
Inductor
0603HC-18NX_BW
L5
Coilcraft
Minispring A
18.5 nH
Inductor
A05T
PD54008L-E
STMicroelectronics
QFN 5x5
RF power
transistor
PD54008L-E
PD84001
STMicroelectronics
SOT89
RF power
transistor
PD84001
R1, R4
Tyco Electronics /
Neohm
0603
62 k
Ω
Resistor
CRG series thick film
R2
Tyco Electronics /
Neohm
0603
430 k
Ω
Resistor
R3
Tyco Electronics /
Neohm
0603
240
Ω
Resistor
R5
Tyco Electronics /
Neohm
0603
150 k
Ω
Resistor
R6
Tyco Electronics /
Neohm
0603
11
Ω
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com