Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TDR014V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-TDR014V1
Description  Demonstration board based on the PD55008-E for UHF mobile radio
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR014V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-TDR014V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STEVAL-TDR014V1
Typical performance
Doc ID 18112 Rev 1
5/11
Figure 7.
Harmonics vs. frequency
Figure 5.
Efficiency vs. frequency
Figure 6.
Input return loss vs.
frequency
20
25
30
35
40
45
50
55
60
65
70
75
80
360 380 400 420 440 460 480 500 520 540
Freq (MHz)
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
360 380 400 420 440 460 480 500 520 540 560 580
Freq (MHz)
-75
-70
-65
-60
-55
-50
-45
-40
360
380
400
420
440
460
480
500
520
540
Freq (MHz)
H2
H3
P
OUT = 8 W
Vdd = 12.5 V
Idq = 100 mA
-75
-70
-65
-60
-55
-50
-45
-40
360
380
400
420
440
460
480
500
520
540
Freq (MHz)
H2
H3
P
OUT = 8 W
Vdd = 12.5 V
Idq = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com