Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TDR020V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-TDR020V1
Description  Portable UHF 2-way radio demonstration board based on the PD84006L-E
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR020V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-TDR020V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STEVAL-TDR020V1
Typical performance
Doc ID 18108 Rev 1
5/11
3
Typical performance
Figure 2.
Output power and efficiency vs
frequency Vdd = 7.2 V, Idq = 200
mA, Pin = 24 dBm
Figure 3.
Gain vs output power Vdd = 7.2 V,
Idq = 200 mA
Figure 4.
Input return loss vs frequency
Vdd = 7. 2 V, Idq = 200 mA
Figure 5.
Harmonics vs frequency
Vdd = 7.2 V, Idq = 200 mA,
Pin = 24 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com