Electronic Components Datasheet Search
  English  ▼

X  

STM8-SK Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8-SK
Description  Raisonance?셲 complete, low-cost starter kits for STM8 and ST7
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8-SK Datasheet(HTML) 1 Page - STMicroelectronics

  STM8-SK Datasheet HTML 1Page - STMicroelectronics STM8-SK Datasheet HTML 2Page - STMicroelectronics STM8-SK Datasheet HTML 3Page - STMicroelectronics STM8-SK Datasheet HTML 4Page - STMicroelectronics STM8-SK Datasheet HTML 5Page - STMicroelectronics STM8-SK Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2010
Doc ID 11271 Rev 5
1/6
6
STM8-SK/RAIS STM8-D/RAIS
ST7-SK/RAIS ST7-D/RAIS
Raisonance’s complete, low-cost starter kits for STM8 and ST7
Features
Embedded RLink
■
USB interface to host PC
■
In-circuit debugging and programming
■
Application board connection via ST SWIM,
ICC or JTAG
REva motherboard
■
1 standard SO-DIMM connector to plug in
daughterboards
■
Digital and analog I/O evaluation features,
including on-board LEDs, buttons, switches,
external analog connector, temperature sensor
and potentiometer
■
I²C EEPROM and bus
■
RS-232 driver and 2 DB9 connectors
■
Prototype area
■
VDD settings for 1.8 V, 3.3 V and 5 V
microcontrollers
■
USB powered, no external power required
Interchangeable REva daughterboard
■
Features different STM8 and ST7 MCUs to
permit application development for a wide
range of devices and may include additional
device specific features
Raisonance software
■
Ride7: Editor, SIMICE simulator, Rbuilder, C
compiler, debugger, Project manager, and
CodeCompressor
■
RFlasher7 device programming interface
Description
The REva starter kits are Raisonance’s complete,
cost-effective solutions for starting application
development and evaluating STM8x, ST7LITEx,
ST7Fox, ST7232x, ST7234x, ST7236x and
ST7263B microcontrollers.
Kits contain all the hardware and software
required to develop applications for
microcontrollers, including the REva evaluation
board, target STM8 and ST7 microcontrollers,
embedded RLink for in-circuit debugging and in-
circuit programming and the raisonance
integrated development environment (Ride7) with
application builder.
www.st.com


Similar Part No. - STM8-SK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8-SKRAIS STMICROELECTRONICS-STM8-SKRAIS Datasheet
220Kb / 6P
Raisonances complete, low-cost starter kits for STM8 and ST7
22-Apr-2013
More results

Similar Description - STM8-SK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
194Kb / 4P
Keil starter kits for STR7 and STR9
04-Oct-2006
ST7-STICK STMICROELECTRONICS-ST7-STICK Datasheet
75Kb / 2P
Low Cost, In-Circuit Programmer for ST7
Feb-2005
STR91X-SK STMICROELECTRONICS-STR91X-SK_1 Datasheet
187Kb / 4P
IAR?셲 complete, low cost starter kits for STR7 and STR9
04-Oct-2006
ST7XXXX-SK STMICROELECTRONICS-ST7XXXX-SK Datasheet
76Kb / 4P
Raisonance?셲 complete, low-cost starter kits for ST7
21-Jun-2006
STX-RLINK STMICROELECTRONICS-STX-RLINK Datasheet
69Kb / 4P
Raisonance?셲 in-circuit debugger/programmer for ST7, uPSD, STR7 and STR9
20-Jun-2006
STR9-DK STMICROELECTRONICS-STR9-DK Datasheet
141Kb / 4P
Raisonance?셲 unlimited development tool bundles for STM32, STR7 and STR9
23-Oct-2008
STM32W-SK STMICROELECTRONICS-STM32W-SK Datasheet
83Kb / 4P
Starter and extension kits for STM32W108xx microcontrollers
26-Jul-2012
ST72321B-D STMICROELECTRONICS-ST72321B-D Datasheet
220Kb / 6P
Raisonances complete, low-cost starter kits for STM8 and ST7
22-Apr-2013
ST7MC-KIT STMICROELECTRONICS-ST7MC-KIT Datasheet
161Kb / 5P
Softec?셲 complete motor control starter kit for ST7MC
17-Nov-2011
STM8L-PRIMER STMICROELECTRONICS-STM8L-PRIMER Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com