Electronic Components Datasheet Search
  English  ▼

X  

STM32W-RFCKIT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32W-RFCKIT
Description  STM32W Low-cost RF control kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W-RFCKIT Datasheet(HTML) 1 Page - STMicroelectronics

  STM32W-RFCKIT Datasheet HTML 1Page - STMicroelectronics STM32W-RFCKIT Datasheet HTML 2Page - STMicroelectronics STM32W-RFCKIT Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
January 2011
Doc ID 18394 Rev 1
1/3
3
STM32W-RFCKIT
STM32W Low-cost RF control kit
Features
■ STM32W System-on-Chip 32-bit ARM®
Cortex™-M3 processor
■ 2.4 GHz IEEE 802.15.4 transceiver and Lower
MAC
■ 128-Kbyte Flash and 8-Kbyte RAM memory
■ Flash memory upgrade capability via USB
■ ARM Serial Wire Debug (SWD) interface
(Remote board)
■ Designed to be powered by USB or with 2 AAA
batteries (Remote board)
■ Two user-defined LEDs (green and yellow)
■ Five push buttons to create easy-to-use remote
functions (Remote board)
■ Interoperable with other STM32W tool boards
to enlarge wireless network capabilities
■ 802.15.4, ZigBee RF4CE, ZigBee Pro,
6LoWPAN (Contiki) wireless protocols
Description
The STM32W RF Control Kit is a low-cost and
quick way to get started using STM32W-based
point-to-point wireless control applications.
It includes everything required by beginners and
experienced users to start developing RF control
systems. The STM32W RF Control Kit includes
one remote board and one receiver board (USB
dongle), both using the STM32W microcontroller
packaged in a VFQFPN48 for the remote board
and VFQFPN40 for the USB dongle.
Both boards are also fitted with an STM32F103
microcontroller providing an easy-to-connect
solution between a USB link to the PC world.
Debug capabilities are provided by a mini-JTAG
connector interface on the remote board (not
fitted).
Free, ready-to-run application firmware are
provided at www.st.com/stm32w_rfcontrol.
www.st.com


Similar Part No. - STM32W-RFCKIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32W-RFCKIT STMICROELECTRONICS-STM32W-RFCKIT Datasheet
185Kb / 4P
STM32W low-cost RF control kit
13-Dec-2012
STM32W-RFCKIT STMICROELECTRONICS-STM32W-RFCKIT_13 Datasheet
185Kb / 4P
STM32W low-cost RF control kit
13-Dec-2012
More results

Similar Description - STM32W-RFCKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DK101 MAXIM-DK101 Datasheet
329Kb / 13P
Low-Cost Demo Kit Motherboard
REV: 052903
logo
ATMEL Corporation
AT43DK301 ATMEL-AT43DK301 Datasheet
469Kb / 4P
Low-Cost USB Hub Development Kit
logo
Texas Instruments
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
Single Chip Low Cost Low Power RF Transceiver
logo
rfsolutions.ltd
FM-232C-433 RFSOLUTIONS-FM-232C-433 Datasheet
74Kb / 6P
RS232 LOW COST RF MODEM
logo
Texas Instruments
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
STMicroelectronics
STM32W-RFCKIT STMICROELECTRONICS-STM32W-RFCKIT_13 Datasheet
185Kb / 4P
STM32W low-cost RF control kit
13-Dec-2012
logo
Texas Instruments
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
logo
Renesas Technology Corp
UM-YROTATE-IT-RX62T RENESAS-UM-YROTATE-IT-RX62T Datasheet
3Mb / 54P
Low Cost Motor Control Kit based on RX62T
logo
Teledyne Technologies I...
GPDGPM TELEDYNE-GPDGPM Datasheet
280Kb / 24P
IF/RF Low Cost Cascadable
logo
Maxim Integrated Produc...
DS2745EVKIT MAXIM-DS2745EVKIT Datasheet
150Kb / 11P
Low-Cost I2C Battery Monitor Evaluation Kit
Rev 11/09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com