Electronic Components Datasheet Search
  English  ▼

X  

STM3210B-PFSTICK Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM3210B-PFSTICK
Description  Hitex STM32-PerformanceStick complete tool package for STM32 evaluation and development
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM3210B-PFSTICK Datasheet(HTML) 2 Page - STMicroelectronics

  STM3210B-PFSTICK Datasheet HTML 1Page - STMicroelectronics STM3210B-PFSTICK Datasheet HTML 2Page - STMicroelectronics STM3210B-PFSTICK Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering information
STM3210B-PFSTICK
2/3
The evaluation hardware includes the STM32-PerformanceStick with integrated debugging
and programming capability via a dedicated USB interface. An extension I/O board
connector provides access to signals on the STM32 pins and allows connection of extension
boards with hardware features for peripheral evaluation, or the developer’s own application
board. Power supply is provided via a USB connection with the host PC.
An extension I/O board is available for connection to the STM32-PerformanceStick, and
provides hardware features such as USB, CAN, USART connectors and IrDA sensor for
evaluation of device peripherals. The extension I/O board is provided with the STM32-
PerformanceStick in the Hitex STM32 starter kit (ST order code: STM3210B-SK/HIT).
Ordering information
The STM32-PerformanceStick is available from Hitex, or can be ordered from
STMicroelectronics’ sales offices and distributors using the order code:
STM3210B-PFSTICK – STM32-PerformanceStick with Hitex STM32 software tools
(HiTOP5, Tasking VX compiler), DashBoard graphical interface and sample application code
implementing a range of device peripherals.
Note:
The STM32-PerformanceStick is also available as part of the Hitex starter kit for STM32.
The kit is available from Hitex, or can be ordered from STMicroelectronics’ sales offices and
distributors (ST order code: STM3210B-SK/HIT). For further information, refer to the data
brief “Hitex starter kits for ARM core-based microcontrollers.”
For more information and complete documentation, please refer to the Hitex web site or the
STMicroelectronics microcontroller support site, www.st.com.
Revision history
Table 1.
Document revision history
Date
Revision
Changes
8-Oct-2007
1
Initial release.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com