Electronic Components Datasheet Search
  English  ▼

X  

STR750-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STR750-EVAL
Description  STR750-EVAL evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STR750-EVAL Datasheet HTML 1Page - STMicroelectronics STR750-EVAL Datasheet HTML 2Page - STMicroelectronics STR750-EVAL Datasheet HTML 3Page - STMicroelectronics STR750-EVAL Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2010
Doc ID 18104 Rev 1
1/4
4
STR750-EVAL
STR750-EVAL evaluation board
Features
■ Three 5 V power supply options: power jack,
USB connection or daughter board
■ Real-time clock (RTC)
■ Audio play and record
■ 3 RS232 connectors, one with hardware flow
control
■ USB 2.0 compliant with full speed (12 Mb/s)
data transmission
■ CAN 2.0A/B connection
■ Inductor motor control connector with 6 PWM
output and emergency stop
■ Debug and programming support via 20-pin
JTAG connector
■ Dot-matrix LCD module
■ Joystick with 4-direction control and selector
■ Extension connectors for daughter board or
wrapping board
Description
The STR750 evaluation board (STR750-EVAL) is
a complete development platform for
STMicroelectronics’ ARM® core-based STR75xF
microcontrollers. Based on a cost-effective,
flexible and open design, it allows easy
demonstration of STR75xF capabilities and
enables rapid evaluation of the microcontroller’s
peripherals and other features.
It includes the high performance STR750F
microcontroller, which is based on the
ARM7TDMI-S core and includes USB 2.0
compliant port with full speed data transmission,
CAN 2.0A/B compliant interface, 3 UART
channels, internal Flash and internal SRAM
memory.
The STR750-EVAL features a complete range of
connectors and hardware features for developing
applications based on STR75xF peripherals
including motor control, USB and RS232
connectors, microphone, speaker, joystick, and
LCD display.
The STR750-EVAL uses a JTAG standard
interface to connect to your host PC via any of a
range of in-circuit emulators (ICE) for ARM core-
based microcontrollers.
www.st.com


Similar Part No. - STR750-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR750-SK STMICROELECTRONICS-STR750-SK Datasheet
187Kb / 4P
IAR?셲 complete, low cost starter kits for STR7 and STR9
04-Oct-2006
STR750-SK/IAR STMICROELECTRONICS-STR750-SK/IAR Datasheet
86Kb / 5P
IAR??starter kits for ST ARM core-based microcontrollers
18-Jun-2009
STR750-SKIAR STMICROELECTRONICS-STR750-SKIAR Datasheet
187Kb / 4P
IAR?셲 complete, low cost starter kits for STR7 and STR9
04-Oct-2006
More results

Similar Description - STR750-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3220G-EVAL STMICROELECTRONICS-STM3220G-EVAL Datasheet
233Kb / 3P
STM3220G-EVAL evaluation board
24-Mar-2011
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
UM0629 STMICROELECTRONICS-UM0629 Datasheet
872Kb / 26P
STM8L101-EVAL evaluation board
06-Nov-2009
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
EVAL-L9907 STMICROELECTRONICS-EVAL-L9907 Datasheet
9Mb / 5P
EVAL-L9907 Evaluation Board
April 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com