Electronic Components Datasheet Search
  English  ▼

X  

UFP254 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UFP254
Description  23A, 250V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UFP254 Datasheet(HTML) 2 Page - Unisonic Technologies

  UFP254 Datasheet HTML 1Page - Unisonic Technologies UFP254 Datasheet HTML 2Page - Unisonic Technologies UFP254 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UFP254
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
VER.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
250
V
Gate-Source Voltage
VGSS
±20
V
Continuous
ID
23
A
Drain Current
Pulsed
IDM
92
A
Avalanche Current
IAR
23
A
Single Pulsed
EAS
410
mJ
Avalanche Energy
Repetitive
EAR
19
mJ
Power Dissipation
PD
42
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
250
V
Drain-Source Leakage Current
IDSS
VDS=250V
25
μA
Forward
VGS=+20V, VDS=0V
+100 nA
Gate-Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
ID=250µA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=14A
140 mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
2700
pF
Output Capacitance
COSS
620
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1MHz
180
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
140
nC
Gate to Source Charge
QGS
24
nC
Gate to Drain Charge
QGD
VDD=50V, VGS=10V , ID=1.3A
71
nC
Turn-ON Delay Time
tD(ON)
15
ns
Rise Time
tR
63
ns
Turn-OFF Delay Time
tD(OFF)
74
ns
Fall-Time
tF
VDD=30V, ID=0.5A, RG=25Ω,
VGS=0~10V
50
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
23
A
Maximum Body-Diode Pulsed Current
ISM
92
A
Drain-Source Diode Forward Voltage
VSD
IS=23A, VGS=0V
1.8
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com