Electronic Components Datasheet Search
  English  ▼

X  

RF3336 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF3336
Description  868.35 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3336 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF3336 Datasheet HTML 1Page - RF Monolithics, Inc RF3336 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
RF3336 - 3/21/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at 25°C Absolute Frequency
fC
1, 2
868.225
868.475
MHz
Tolerance from 868.35 MHz
∆f
C
±125
kHz
Insertion Loss
IL
1
2.6
5
dB
3 dB Bandwidth
BW3
1,2
600
1000
kHz
Rejection
at fC - 21.4 MHz (Image)
1
33
dB
at fC - 10.7 MHz (LO)
15
Ultimate
80
Temperature
Operating Case Temp.
TC
3, 4
-40
+85
°C
Turnover Temperature
TO
10
25
40
°C
Turnover Frequency
fO
fC
MHz
Freq. Temp. Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
5
≤10
ppm/yr
External Impedance
Series Inductance
L1
10
L2
12
nH
Shunt Capacitance
C1
1
C2
1
pF
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM RF3336
TO39-3 Case
• Ideal Front-End Filter for 868.35 MHz Wireless Receivers
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Rugged TO39 Hermetic Package
• Complies with Directive 2002/95/EC (RoHS)
The RF3336 is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide
front-end selectivity in 868.35 MHz receivers. Receiver designs using this filter include superhet with
10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are
wireless remote-control and security devices operating in the USA under FCC Part 15 and in Canada under
DoC RSS-210.
This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically greater
than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz IF. RFM’s
advanced SAW design and fabrication technology is utilized to achieve high performance and very low loss
with simple external impedance matching (not included). Quartz construction provides excellent frequency
stability over a wide temperature range.
868.35 MHz
SAW Filter
RF3336
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with
VSWR
≤ 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, f
c. Note that insertion loss, bandwidth,
and passband shape are dependent on the impedance matching component values and quality.
2.
The frequency fc is defined as the midpoint between the 3dB frequencies.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may
be calculated from: f = fo [1 - FTC (To -Tc)
2].
5.
Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6.
The design, manufacturing process, and specifications of this device are subject to change without notice.
7.
One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
Pb


Similar Part No. - RF3336

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3336 MURATA-RF3336 Datasheet
97Kb / 2P
868.35 MHz SAW Filter
logo
RF Monolithics, Inc
RF3336C RFM-RF3336C Datasheet
106Kb / 4P
868.35 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3336C MURATA-RF3336C Datasheet
106Kb / 4P
868.35 MHz SAW Filter
logo
RF Monolithics, Inc
RF3336D RFM-RF3336D Datasheet
63Kb / 2P
868.35 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3336D MURATA-RF3336D Datasheet
63Kb / 2P
868.35 MHz SAW Filter
More results

Similar Description - RF3336

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1336B RFM-RF1336B Datasheet
81Kb / 2P
868.35 MHz SAW Filter
RF1336C RFM-RF1336C Datasheet
100Kb / 2P
868.35 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF868M35 VANLONG-SF868M35 Datasheet
110Kb / 2P
868.35 MHz SAW Filter
SF868M35C VANLONG-SF868M35C Datasheet
87Kb / 2P
868.35 MHz SAW Filter
logo
RF Monolithics, Inc
RF3336C RFM-RF3336C Datasheet
106Kb / 4P
868.35 MHz SAW Filter
RF3336D RFM-RF3336D Datasheet
63Kb / 2P
868.35 MHz SAW Filter
RF3336E RFM-RF3336E Datasheet
92Kb / 3P
868.35 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3336C MURATA-RF3336C Datasheet
106Kb / 4P
868.35 MHz SAW Filter
RF3336D MURATA-RF3336D Datasheet
63Kb / 2P
868.35 MHz SAW Filter
RF3336E MURATA-RF3336E Datasheet
92Kb / 3P
868.35 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com