Electronic Components Datasheet Search
  English  ▼

X  

UCD4071 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCD4071
Description  QUAD 2-INPUT OR BUFFERED B SERIES GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4071 Datasheet(HTML) 4 Page - Unisonic Technologies

  UCD4071 Datasheet HTML 1Page - Unisonic Technologies UCD4071 Datasheet HTML 2Page - Unisonic Technologies UCD4071 Datasheet HTML 3Page - Unisonic Technologies UCD4071 Datasheet HTML 4Page - Unisonic Technologies UCD4071 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UCD4071
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-520.b
SWITCHING CHARACTERISTICS(TA=25°С, Input: tR=tF=20ns, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from
Input(A or B) to Output(Y)
tPLH
VDD=5V, CL=50pF, RL=200kΩ
90
250
ns
VDD=10V, CL=50pF, RL=200kΩ
40
100
VDD=15V, CL=50pF, RL=200kΩ
30
70
tPHL
VDD=5V, CL=50pF, RL=200kΩ
100
250
VDD=10V, CL=50pF, RL=200kΩ
40
100
VDD=15V, CL=50pF, RL=200kΩ
30
70
Transition Time
tTLH
tTHL
VDD=5V, CL=50pF, RL=200kΩ
90
200
ns
VDD=10V, CL=50pF, RL=200kΩ
50
100
VDD=15V, CL=50pF, RL=200kΩ
40
80
OPERATING CHARACTERISTICS(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Average Input Capacitance
Cin
Any Input
5
7.5
pF
Power Dissipation Capacitance
Cpd
Any Gate
18



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com