Electronic Components Datasheet Search
  English  ▼

X  

SF2001E Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2001E
Description  1960 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2001E Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2001E Datasheet HTML 1Page - RF Monolithics, Inc SF2001E Datasheet HTML 2Page - RF Monolithics, Inc SF2001E Datasheet HTML 3Page - RF Monolithics, Inc SF2001E Datasheet HTML 4Page - RF Monolithics, Inc SF2001E Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
©2009-2010 by RF Monolithics, Inc.
SF2001E - 7/21/10
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Operating Frequency
fC
1960
MHz
Passband Insertion Loss, 1930 -1990 MHz
IL
2.35
4.0
dB
Amplitude Ripple, 1930 -1990 MHz
1.4
2.4
dBP-P
Attenuation Referenced to 0 dB
DC to1850 MHz
20.0
32.0
dB
1850 to 1910 MHz
10.0
21.0
dB
2010 to 2040 MHz
4.5
10.0
dB
2040 to 2070 MHz
20.0
50
dB
2070 to 5000 MHz
22.0
29.0
dB
5000 to 6000 MHz
10.0
15.0
dB
VSWR, 1930 to 1990 MHz
1.7
2.4
Source impedance
ZS
50
Ω
Load impedance
ZL
50
Ω
Operating Temperature
TA
-30
+80
°C
Case Style
SM3030-6 3 x 3 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week S=shift)
652 YWWS
Connection
Terminals
Input
2
Output
5
Ground
All others
SM3030-6
• RF Filter for Mobile Communication Applications
• No Matching Circuit Required
• 3.0 x 3.0 x 1.3 mm Package
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Input Power
+10
dBm
DC Voltage on any Non-ground Terminal
0
VDC
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Maximum Soldering Profile, 5 cycles/10 seconds maximum
265
°C
1960 MHz
SAW Filter
SF2001E
1.
Unless noted otherwise, all specifications apply over the operating temper-
ature range with filter soldered to the specified demonstration board with
impedance matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the
nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the
passband. Rejection in final user application is dependent on PCB layout
and external impedance matching design. See Application Note No. 42 for
details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production"
and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are
subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1
and Port 2, so that the filter must always be installed in one direction per
the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered
trademarks of RF Monolithics, Inc.
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Pb


Similar Part No. - SF2001E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2001E MURATA-SF2001E Datasheet
656Kb / 5P
1960 MHz SAW Filter
More results

Similar Description - SF2001E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856080 TRIQUINT-856080 Datasheet
451Kb / 7P
1960 MHz SAW Filter
856104 TRIQUINT-856104 Datasheet
457Kb / 6P
1960 MHz SAW Filter
856417 TRIQUINT-856417 Datasheet
600Kb / 7P
1960 MHz SAW Filter
logo
RF Monolithics, Inc
SF2215E RFM-SF2215E Datasheet
945Kb / 5P
1960 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2001E MURATA-SF2001E Datasheet
656Kb / 5P
1960 MHz SAW Filter
SF2215E MURATA-SF2215E Datasheet
945Kb / 5P
1960 MHz SAW Filter
logo
TriQuint Semiconductor
855817 TRIQUINT-855817_15 Datasheet
1Mb / 6P
1960 MHz SAW Filter
855859 TRIQUINT-855859_15 Datasheet
545Kb / 6P
1960 MHz SAW Filter
856531 TRIQUINT-856531_15 Datasheet
422Kb / 5P
1960 MHz SAW Filter
857145 TRIQUINT-857145_15 Datasheet
415Kb / 6P
1960 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com