Electronic Components Datasheet Search
  English  ▼

X  

SF2017D Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # SF2017D
Description  1220 MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2017D Datasheet(HTML) 4 Page - RF Monolithics, Inc

  SF2017D Datasheet HTML 1Page - RF Monolithics, Inc SF2017D Datasheet HTML 2Page - RF Monolithics, Inc SF2017D Datasheet HTML 3Page - RF Monolithics, Inc SF2017D Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 4 of 4
©2008 by RF Monolithics, Inc.
SF2017D - 3/31/08
8-Terminal Ceramic Surface-Mount Case
3.8 X 3.8 mm Nominal Footprint
SM3838-8 Case
TOP VIEW
BOTTOM VIEW
Case Dimensions
Electrical Connections
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.6
3.8
4.0
0.15
B
3.6
3.8
4.0
0.15
C
1.4
0.06
D
1.0
0.04
E
1.0
0.04
F
0.6
0.02
G
2.39
2.54
2.69
0.100
H
1.5
0.06
Connection
Terminals
Balance Input
1, 2
Balance Output
5, 6
Case Ground
3, 4, 7, 8
A
1
2
3
B
7
6
5
4
C
H 7
6
5
4
E
F
G
1
2
3
8
8
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com