Electronic Components Datasheet Search
  English  ▼

X  

EVALKITST7580-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALKITST7580-1
Description  ST7580 power line networking system-on-chip demonstration kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALKITST7580-1 Datasheet(HTML) 1 Page - STMicroelectronics

  EVALKITST7580-1 Datasheet HTML 1Page - STMicroelectronics EVALKITST7580-1 Datasheet HTML 2Page - STMicroelectronics EVALKITST7580-1 Datasheet HTML 3Page - STMicroelectronics EVALKITST7580-1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
February 2012
Doc ID 022818 Rev 1
1/4
4
EVALKITST7580-1
ST7580 power line networking system-on-chip
demonstration kit
Features
■ Suitable for point-to-multipoint 2-way power
line communication (PLC) over AC mains
■ Flexible 2-board architecture:
– EVALST7580-1, PLC board based on the
ST7580 narrow-band FSK/PSK power line
networking system-on-chip
– EVLALTAIR900-M1, wide-range input
voltage, 7.5 W power supply board based
on the ALTAIR04-900 quasi-resonant
current-mode SMPS controller
■ STM32 microcontroller hosted on the
EVALST7580-1 board to handle the ST7580
device and build a standalone power line node
■ External access through several interface
types: USB, SPI, I2C, USART, JTAG
■ Opportunity to save and load data to/from an
external µ-SD card
■ Intuitive graphical user interface (GUI) for the
Windows® environment with fully
programmable transceiver parameters
■ Suitable for CENELEC EN50065 and FCC part
15 compliant applications
Description
Built around the ST7580 power line networking
system-on-chip, this demonstration kit embeds all
the functions required for a “turnkey” power line
communication network: the PLC node based on
the ST7580, the AC power supply (based on the
ALTAIR4-900 chip) and the STM32
microcontroller, to either control the system as a
standalone application or to connect the
EVALKITST7580-1 to an external host.
The typical application environment consists of
two or more EVALKITST7580-1s connected to the
same mains line, each being controlled by a PC
running the ST7580 GUI software.
EVALKITST7580-1
www.st.com


Similar Part No. - EVALKITST7580-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALKIT-ROBOT-1 STMICROELECTRONICS-EVALKIT-ROBOT-1 Datasheet
1Mb / 15P
Compact reference design kit for robotics and automation based on STSPIN32F0A
Feb-2020
logo
Infineon Technologies A...
EVALKITHPDG1SIC INFINEON-EVALKITHPDG1SIC Datasheet
941Kb / 13P
Quickstart Manual for EVAL KIT HPD G1 SiC
Revision 1.0 2022-05-27
More results

Similar Description - EVALKITST7580-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
ST7580 STMICROELECTRONICS-ST7580 Datasheet
830Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
26-Jan-2012
EVALST7590-1 STMICROELECTRONICS-EVALST7590-1 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
AN3213 STMICROELECTRONICS-AN3213 Datasheet
2Mb / 64P
ST7570 S-FSK power line networking system-on-chip
11-Oct-2010
AN4068 STMICROELECTRONICS-AN4068 Datasheet
5Mb / 63P
ST7580 power line communication system-on-chip design guide
04-Jul-2012
UM0934 STMICROELECTRONICS-UM0934 Datasheet
1Mb / 113P
ST7570 S-FSK power line networking System-on-Chip
20-Sep-2011
UM1518 STMICROELECTRONICS-UM1518 Datasheet
1Mb / 37P
ST7580 power line modem demonstration kit
05-Dec-2012
AN2937 STMICROELECTRONICS-AN2937 Datasheet
1Mb / 41P
Power system demonstration kit based on the PM6686 dual
20-Aug-2009
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
Power system demonstration kit based on the PM6686 dual
19-Jun-2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com