Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IFS006V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFS006V2
Description  Smart inductive proximity switch with the SPT01-335DEE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFS006V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFS006V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFS006V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFS006V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFS006V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2009
Doc ID 16618 Rev 1
1/4
4
STEVAL-IFS006V2
Smart inductive proximity
switch with the SPT01-335DEE
Features
■ Metal body detection using the eddy current
effect on the HF losses of a coil
■ Flexibility
– MCU firmware can be modified based on
application requirements
– sensitivity and hysteresis adjustment
■ In-circuit programming and debugging
capabilities
■ Analog and digital temperature compensation
■ PNP (high-side) sensor functionality
configuration
■ Complete Transil protection of the output and
power supply lines
■ Overload and short-circuit protection
■ Indicator status LED
■ Compact design
■ Supply voltage: 7 V to 32 V DC
■ Temperature range: –25 °C to +85 °C
■ RoHS compliant
Description
The STEVAL-IFS006V2 demonstration board is
an inductive proximity switch application based on
the principle of metal body detection using the
eddy current effect on the HF losses of a coil.
The design consists of a single transistor HF
oscillator, an ST7LITEUS5 microcontroller, an
intelligent TDE1708DFT power switch, and a
SPT01-335DEE triple Transil™ array.
The STEVAL-IFS006V2 represents a very simple,
compact and cost-effective solution for an
inductive proximity switch with wide temperature
range, supply voltage variation and noise
immunity in industrial environments.
STEVAL-IFS006V2
www.st.com


Similar Part No. - STEVAL-IFS006V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFS003V1 STMICROELECTRONICS-STEVAL-IFS003V1 Datasheet
111Kb / 4P
Temperature sensor board based on STLM75/STDS75 and ST72F651AR6
26-Oct-2007
More results

Similar Description - STEVAL-IFS006V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2679 STMICROELECTRONICS-AN2679 Datasheet
224Kb / 16P
Smart inductive proximity switch
07-Jul-2008
AN2863 STMICROELECTRONICS-AN2863 Datasheet
205Kb / 13P
Smart inductive proximity switch with SPT01-335DEE
10-Feb-2010
logo
Baumer IVO GmbH & Co. K...
IFRM-03N1505-CS35L IVO-IFRM-03N1505-CS35L Datasheet
77Kb / 1P
Inductive proximity switch
IFRM-03P1713-L IVO-IFRM-03P1713-L Datasheet
76Kb / 1P
Inductive proximity switch
IFRM-04N15A1-KS35PL IVO-IFRM-04N15A1-KS35PL Datasheet
76Kb / 1P
Inductive proximity switch
IFRM-04N17A1-S35L IVO-IFRM-04N17A1-S35L Datasheet
75Kb / 1P
Inductive proximity switch
IFRM-04N17A1-PL IVO-IFRM-04N17A1-PL Datasheet
71Kb / 1P
Inductive proximity switch
IFRM-04N17A3-S35L IVO-IFRM-04N17A3-S35L Datasheet
74Kb / 1P
Inductive proximity switch
IFRM-04N35A3-S05L IVO-IFRM-04N35A3-S05L Datasheet
74Kb / 1P
Inductive proximity switch
IFRM-04N35B1-KS35PL IVO-IFRM-04N35B1-KS35PL Datasheet
77Kb / 1P
Inductive proximity switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com