Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IHM031V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHM031V1
Description  3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM031V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHM031V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM031V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM031V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM031V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM031V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IHM031V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
January 2010
Doc ID 16977 Rev 1
1/6
6
STEVAL-IHM031V1
3-phase low voltage inverter power board for FOC and
scalar motor control based on the STS8DNH3LL MOSFET
Features
■ Bus voltage: 12 V - 24 V, up to 120 W
■ 3-phase full bridge inverter topology
■ Compact size with dual N-channel power
MOSFETs
■ Easily configurable for scalar and FOC motor
control
■ Motor current feedback via three shunt
resistors
■ Security functions:
– overcurrent detection
– bus voltage monitoring
– temperature sensing
■ RoHS compliant
Description
The STEVAL-IHM031V1 demonstration board is
designed to drive a low voltage/low-to-medium
current, 3-phase brushless, synchronous or
asynchronous motor. It provides a compact
solution along with efficient power dissipation
thanks to dual in-package power MOSFETs.
This demonstration board integrates the following
functional blocks: dedicated power supply for
handling bus voltage in the range of 12 V to 24 V
(up to 5 A), integrated gate driving, overcurrent
protection, overvoltage and overtemperature
sensing, three-shunt current sensing for FOC
control, single-shunt sensing for trapezoidal
control, BEMF sensing and amplification (for both
GE and STMicroelectronics methods) and motor
control connector.
The on-board MC connector allows the
demonstration board to be interfaced with any
STMicroelectronics MCU control board with a
dedicated connector in order to control several
types of 3-phase motors (asynchronous, PMSM
brushless DC and brushless AC).
STEVAL-IHM031V1
www.st.com


Similar Part No. - STEVAL-IHM031V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM032V1 STMICROELECTRONICS-STEVAL-IHM032V1 Datasheet
140Kb / 4P
150 W inverter featuring the L639x and STGD3HF60HD for 1-shunt based sinusoidal vector control and trapezoidal scalar control
25-Oct-2011
STEVAL-IHM033V1 STMICROELECTRONICS-STEVAL-IHM033V1 Datasheet
131Kb / 6P
External oscillator
20-Oct-2011
STEVAL-IHM034V2 STMICROELECTRONICS-STEVAL-IHM034V2 Datasheet
452Kb / 13P
Dual motor control and PFC evaluation board featuring the STM32F103 and STGIPS20C60
16-Jan-2014
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
12-Apr-2012
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM™nano)
22-Aug-2012
More results

Similar Description - STEVAL-IHM031V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFN003V1 STMICROELECTRONICS-STEVAL-IFN003V1 Datasheet
368Kb / 5P
PMSM FOC motor driver based on the L6230 and STM32F103
20-Oct-2011
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
10-Nov-2011
STEVAL-IHM032V1 STMICROELECTRONICS-STEVAL-IHM032V1 Datasheet
140Kb / 4P
150 W inverter featuring the L639x and STGD3HF60HD for 1-shunt based sinusoidal vector control and trapezoidal scalar control
25-Oct-2011
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
12-Apr-2012
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM™nano)
22-Aug-2012
STEVAL-IHM042V1 STMICROELECTRONICS-STEVAL-IHM042V1 Datasheet
421Kb / 8P
Compact, low-voltage dual motor control evaluation board based on the STM32F303CC and L6230
26-Mar-2015
STEVAL-IHM045V1 STMICROELECTRONICS-STEVAL-IHM045V1 Datasheet
353Kb / 7P
3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
May 2014 Rev 1
STEVAL-IPMNG3Q STMICROELECTRONICS-STEVAL-IPMNG3Q Datasheet
337Kb / 8P
Motor control power board based on the SLLIMM-nano 2nd series
27-Feb-2017
P-NUCLEO-IHM03 STMICROELECTRONICS-P-NUCLEO-IHM03 Datasheet
1Mb / 6P
STM32 motor-control pack using the FOC algorithm for three-phase, low-voltage, and low-current motor evaluation
19-Apr-2019
EVSPIN32F06Q1S1 STMICROELECTRONICS-EVSPIN32F06Q1S1 Datasheet
4Mb / 22P
3-phase inverter based on STSPIN32F0601
January 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com