Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IHM032V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHM032V1
Description  150 W inverter featuring the L639x and STGD3HF60HD for 1-shunt based sinusoidal vector control and trapezoidal scalar control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM032V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHM032V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM032V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM032V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM032V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
October 2011
Doc ID 022402 Rev 1
1/4
4
STEVAL-IHM032V1
150 W inverter featuring the L639x and STGD3HF60HD for 1-shunt
based sinusoidal vector control and trapezoidal scalar control
Features
■ Compact size
■ Wide-range input voltage
■ Maximum power up to 150 W at 230 Vac input
■ STGD3HF60HD: 4.5 A, 600 V very fast IGBT
■ Compatibility with other power switches in
DPAK packages (the STD5N52U and
STGD6NC60HD, for example)
■ AC or DC bus voltage power supply connectors
■ Connector for interfacing with the STM3210xx-
EVAL board, STEVAL-IHM022V1, and
STEVAL-IHM033V1 with alternate functions
(current reference, current
limitation/regulation, method selection, current
boost)
■ Efficient DC/DC power supply (15 V, 3.3 V)
■ Suitable both for sinusoidal FOC and
trapezoidal BLDC drive
■ Single-shunt current reading topology with fast
operational amplifier (with offset insertion for
bipolar currents)
■ Hardware overcurrent protection with boost
capabilities
■ Temperature sensor
■ BEMF-detection network for BLDC drive
■ Current regulation/limitation network for BLDC
drive
■ Hall sensor/quadrature encoder inputs
Applications
■ Dishwasher pumps
■ Refrigerator compressors
■ Fans
Description
The STEVAL-IHM032V1 demonstration board is a
3-phase inverter designed to perform both the
field-oriented control (FOC) of sinusoidal-shaped
back-EMF permanent magnet synchronous
motors (PMSMs) and trapezoidal control of
brushless DC (BLDC) motors with or without
sensors, with nominal power up to 150 W.
This flexible, open, high-performance system
based on the L639x and STGD3HF60HD is
specifically designed to achieve fast and accurate
conditioning of the current feedback, thereby
matching the requirements typical of high-end
applications such as field-oriented motor control.
The board is compatible with 110 and 230 Vac
mains, and includes a power supply stage with
the VIPer12A-E (in flyback configuration) to
generate the +15 V and +3.3 V supply voltage
required by the application. Finally, the board can
be interfaced through a dedicated connector with
the STM3210xx-EVAL (STM32 microcontroller
demonstration board), STEVAL-IHM022V1 (high-
density, dual motor control demonstration board
based on the STM32F103ZE microcontroller),
and with the STEVAL-IHM033V1 (control stage
based on the STM32F100 microcontroller suitable
for motor control).
STEVAL-IHM032V1
www.st.com


Similar Part No. - STEVAL-IHM032V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM031V1 STMICROELECTRONICS-STEVAL-IHM031V1 Datasheet
186Kb / 6P
3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
13-Jan-2010
STEVAL-IHM033V1 STMICROELECTRONICS-STEVAL-IHM033V1 Datasheet
131Kb / 6P
External oscillator
20-Oct-2011
STEVAL-IHM034V2 STMICROELECTRONICS-STEVAL-IHM034V2 Datasheet
452Kb / 13P
Dual motor control and PFC evaluation board featuring the STM32F103 and STGIPS20C60
16-Jan-2014
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
12-Apr-2012
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM™nano)
22-Aug-2012
More results

Similar Description - STEVAL-IHM032V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF312 IRF-IRMCF312 Datasheet
227Kb / 8P
Dual Channel Sensorless PM Motor Control IC MCETM(Motion Control Engine) based sinusoidal sensorless control
logo
STMicroelectronics
STEVAL-IHM024V1 STMICROELECTRONICS-STEVAL-IHM024V1 Datasheet
174Kb / 5P
100 W 3-phase inverter using the L6390 and STGDL6NC60DI for vector control
29-Oct-2009
STEVAL-IHM031V1 STMICROELECTRONICS-STEVAL-IHM031V1 Datasheet
186Kb / 6P
3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
13-Jan-2010
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
12-Apr-2012
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
04-Nov-2011
UM0580 STMICROELECTRONICS-UM0580 Datasheet
994Kb / 24P
100 W 3 phase inverter featuring L6390 and STD5NK52ZD
29-Sep-2008
UM1491 STMICROELECTRONICS-UM1491 Datasheet
417Kb / 25P
100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
10-Nov-2011
STEVAL-IHM034V2 STMICROELECTRONICS-STEVAL-IHM034V2 Datasheet
452Kb / 13P
Dual motor control and PFC evaluation board featuring the STM32F103 and STGIPS20C60
16-Jan-2014
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM™nano)
22-Aug-2012
logo
Sanken electric
SX68200M SANKEN-SX68200M Datasheet
1Mb / 69P
Sinusoidal 3-phase Brushless Motor Drivers with Sensorless Vector Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com