Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IHT003V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHT003V1
Description  Low-loss e-STARTER demonstration board for compressor starter circuits based on the ACST6
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHT003V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHT003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHT003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHT003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHT003V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
July 2008
Rev 1
1/4
4
STEVAL-IHT003V1
Low-loss e-STARTER demonstration board for compressor
starter circuits based on the ACST6
Features
■ Suitable for refrigerator and freezer
compressor applications
■ Reduces PTC resistor power losses
Description
The e-STARTER demonstration board represents
an innovative solution patented by
STMicroelectronics to reduce the power losses
caused by positive temperature coefficient (PTC)
resistors in compressor starter circuits.
The solution features an ACST6 AC switch device
which is used to turn off the PTC current after
motor start-up. It should be noted that the
traditional PTC is still used in the electronic
starter circuit, as it increases the safety of the
circuit in cases of AC switch short-circuit or diode
mode failure (ref. EN60335-1).
The design allows the starter standby losses to be
reduced from (typ) 2.5 W to 380 mW for 230 V
applications, or 2.5 W to 40 mW for 100 V
applications.
Because this board is not a “plug and play”
solution, prior to using the board with a
compressor the PTC behavior must be checked
(especially VPTC1 & VPTC2 levels), and different
R4 resistor value may be required.
STEVAL-IHT003V1
www.st.com


Similar Part No. - STEVAL-IHT003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT003V2 STMICROELECTRONICS-STEVAL-IHT003V2 Datasheet
261Kb / 4P
Low loss e-starter evaluation board for compressor starter circuits based on the ACST6
January 2017 Rev 1
More results

Similar Description - STEVAL-IHT003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
Demonstration board based on the PD55008-E for UHF mobile radio
18-Oct-2010
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
Portable UHF 2-way radio demonstration board based on the PD84006L-E
18-Oct-2010
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
Portable UHF 2-way radio demonstration board based on the PD84008L-E
18-Oct-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
UM0575 STMICROELECTRONICS-UM0575 Datasheet
727Kb / 20P
The e-STARTER demonstration board
13-Feb-2008
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
STEVAL-IHT003V2 STMICROELECTRONICS-STEVAL-IHT003V2 Datasheet
261Kb / 4P
Low loss e-starter evaluation board for compressor starter circuits based on the ACST6
January 2017 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com