Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ILB009V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILB009V1
Description  2 x 28 W electronic ballast with active PFC based on the STD3N62K3 and STD845DN40 BJT devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILB009V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILB009V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILB009V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILB009V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILB009V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This is information on a product in full production. For further information contact your local STMicroelectronics sales
office.
March 2012
Doc ID 022895 Rev 1
1/4
4
STEVAL-ILB009V1
2 x 28 W electronic ballast with active PFC based on the
STD3N62K3 and STD845DN40 BJT devices
Data brief
− production data
Features
■ Input voltage range: 180 Vac to 264 Vac
■ Nominal output voltage: 400 V
■ Nominal output power: 60 W
■ Target efficiency: ~ 90 %
■ Minimum switching frequency: 35 kHz
■ Expected power factor (PF): 0.99
■ RoHS compliant
Description
The STEVAL-ILB009V1 demonstration board is
able to drive a 2 x 28 W electronic lamp ballast
with active PFC. The ballast is formed by a PFC
section and a self-oscillating half bridge converter.
The circuit has been designed for a nominal input
voltage of 230 Vrms ± 15% and 50-60 Hz.
The key components are the power bipolar
transistor (STD845DN40), MOSFET device
(STD3N62K3) and ST power switching driver for
the PFC section.
The purpose of the STEVAL-ILB009V1 is to show
a simple and cheap lighting application optimized
in terms of power factor (PFC), THD harmonic
distortion, and electrical efficiency.
www.st.com


Similar Part No. - STEVAL-ILB009V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
Discontinuous-conduction mode
23-Sep-2010
STEVAL-ILB004V1 STMICROELECTRONICS-STEVAL-ILB004V1 Datasheet
95Kb / 4P
Demonstration board: multipower ballast for T5 fluorescent tube lamps based on the ST7LIT19BF1 and STP5NK60Z
02-Dec-2008
STEVAL-ILB005V2 STMICROELECTRONICS-STEVAL-ILB005V2 Datasheet
122Kb / 4P
Demonstration board for the L6585DE combo IC for PFC and ballast control
18-Mar-2009
STEVAL-ILB007V1 STMICROELECTRONICS-STEVAL-ILB007V1 Datasheet
90Kb / 4P
2 x 58 W wide-range ballast based on the L6585DE combo IC
28-Jan-2011
STEVAL-ILB008V1 STMICROELECTRONICS-STEVAL-ILB008V1 Datasheet
118Kb / 4P
End-of-life detection
25-Feb-2011
More results

Similar Description - STEVAL-ILB009V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
PFC and Ballast Control IC
12-Jan-2006
EVL6564H-100W STMICROELECTRONICS-EVL6564H-100W Datasheet
106Kb / 4P
100 W transition-mode PFC pre-regulator demonstration board based on the L6564H
16-Apr-2012
EVL6699-90WADP STMICROELECTRONICS-EVL6699-90WADP Datasheet
217Kb / 5P
19 V - 90 W adapter with PFC for laptop computers based on the L6563H and L6699
02-Jul-2012
STEVAL-ILB007V1 STMICROELECTRONICS-STEVAL-ILB007V1 Datasheet
90Kb / 4P
2 x 58 W wide-range ballast based on the L6585DE combo IC
28-Jan-2011
STEVAL-ILH004V1 STMICROELECTRONICS-STEVAL-ILH004V1 Datasheet
141Kb / 6P
70 W electronic ballast for metal halide lamp (HID) based on the L6382D5 and ST7FLITE49K2
06-Oct-2011
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
04-Nov-2011
STEVAL-ISF001V2 STMICROELECTRONICS-STEVAL-ISF001V2 Datasheet
275Kb / 4P
New 3 kW FOT PFC based on the L6563S and STW88N65M5
25-May-2012
AN993 STMICROELECTRONICS-AN993 Datasheet
1Mb / 27P
Electronic ballast with PFC using L6574 and L6561
13-Jul-2009
AN3973 STMICROELECTRONICS-AN3973 Datasheet
3Mb / 24P
Electronic ballast with active PFC using
11-Nov-2011
EVAL6574B STMICROELECTRONICS-EVAL6574B Datasheet
398Kb / 8P
CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
May 2013 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com