Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ILH005V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILH005V2
Description  150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILH005V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILH005V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILH005V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILH005V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILH005V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILH005V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILH005V2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2011
Doc ID 018902 Rev 1
1/6
6
STEVAL-ILH005V2
150 W electronic ballast for HID lamps
based on the L6562A and ST7LITE39F2
Features
■ Minimum mains voltage: Vac(min) = 185 V
■ Maximum mains voltage: Vac(min) = 265 V
■ Minimum mains frequency: fmin = 47 Hz
■ Output current: Iout = 0.38 A
■ Rated lamp power: PLamp = 150 W
■ Expected bridge efficiency: η bridge = 95%
■ Regulated DC output voltage (DC value):
Vout = 420 V
■ Maximum output overvoltage (DC value):
ΔOVP = 50 V
■ Maximum output low-frequency ripple:
ΔV
outx = 20 V
■ PFC minimum switching frequency:
fmin = 28 kHz
■ Expected PFC efficiency: η PFC= 96%
■ Expected input section efficiency: η in= 99%
■ Expected power factor: 0.99
■ RoHS compliant
Description
The STEVAL-ILH005V2 demonstration board
implements a two-stage electronic ballast for
150 W HID metal halide lamps. The ballast is
composed of a boost converter (power factor
controller PFC) working in transition mode and an
inverter consisting of a full bridge that drives the
lamp at low-frequency square wave.
The ballast was developed for 185 - 265 Vac
50/ 60 Hz input mains and is able to drive 150 W
metal halide and high-pressure sodium lamps.
STEVAL-ILH005V2
www.st.com


Similar Part No. - STEVAL-ILH005V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILH004V1 STMICROELECTRONICS-STEVAL-ILH004V1 Datasheet
141Kb / 6P
70 W electronic ballast for metal halide lamp (HID) based on the L6382D5 and ST7FLITE49K2
06-Oct-2011
More results

Similar Description - STEVAL-ILH005V2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
HID BALLAST CONTROL IC
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
HID Ballast for 70W Lamp Using the IRS2573D
logo
STMicroelectronics
STEVAL-ILB004V1 STMICROELECTRONICS-STEVAL-ILB004V1 Datasheet
95Kb / 4P
Demonstration board: multipower ballast for T5 fluorescent tube lamps based on the ST7LIT19BF1 and STP5NK60Z
02-Dec-2008
STEVAL-ILB007V1 STMICROELECTRONICS-STEVAL-ILB007V1 Datasheet
90Kb / 4P
2 x 58 W wide-range ballast based on the L6585DE combo IC
28-Jan-2011
STEVAL-ILB009V1 STMICROELECTRONICS-STEVAL-ILB009V1 Datasheet
216Kb / 4P
2 x 28 W electronic ballast with active PFC based on the STD3N62K3 and STD845DN40 BJT devices
08-Mar-2012
STEVAL-ILH004V1 STMICROELECTRONICS-STEVAL-ILH004V1 Datasheet
141Kb / 6P
70 W electronic ballast for metal halide lamp (HID) based on the L6382D5 and ST7FLITE49K2
06-Oct-2011
STEVAL-ILL034V1 STMICROELECTRONICS-STEVAL-ILL034V1 Datasheet
170Kb / 4P
LED driver for an A19 lamp based on the L6562A for USA market
25-Nov-2010
AN2747 STMICROELECTRONICS-AN2747 Datasheet
1Mb / 44P
250 W HID metal halide electronic ballast
06-May-2008
AN3372 STMICROELECTRONICS-AN3372 Datasheet
1Mb / 37P
This note describes digital ballast for 70 W HID lamps
09-Jan-2013
UM1694 STMICROELECTRONICS-UM1694 Datasheet
2Mb / 30P
STEVAL-ILH007V1: 150W HID digital ballast based on STLUX385A
12-Jun-2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com