Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA009V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA009V1
Description  VIPer53-E single output reference design board with 90 to 264 VAC input and 24 W output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA009V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA009V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA009V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA009V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA009V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2007
Rev 1
1/4
4
STEVAL-ISA009V1
VIPer53-E single output reference design board
with 90 to 264 VAC input and 24 W output
Features
■ Switch-mode general-purpose power supply
■ Current mode control with adjustable limitation
■ 75% efficiency
■ Output short-circuit and overload protection
■ Thermal shutdown protection
■ Meets EN55022 class B EMI specification
■ Blue Angel compliant
Description
This reference design board is an offline wide-
range power supply that incorporates the
VIPer53-E, and is set up for secondary regulation
by driving the PWM controller through an
optocoupler. The switching frequency is set at 100
kHz and the total output power is 24 W.
STEVAL-ISA009V1
www.st.com


Similar Part No. - STEVAL-ISA009V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA001V1 STMICROELECTRONICS-STEVAL-ISA001V1 Datasheet
283Kb / 5P
6W Dual Output Supply using VIPer12A
01-Feb-2006
STEVAL-ISA002V1 STMICROELECTRONICS-STEVAL-ISA002V1 Datasheet
254Kb / 5P
Switching Frequency 60 kHz
01-Feb-2006
STEVAL-ISA004V1 STMICROELECTRONICS-STEVAL-ISA004V1 Datasheet
65Kb / 4P
Current mode control
28-Nov-2007
STEVAL-ISA005V1 STMICROELECTRONICS-STEVAL-ISA005V1 Datasheet
131Kb / 5P
Switch mode general purpose power supply
23-Jul-2007
STEVAL-ISA006V1 STMICROELECTRONICS-STEVAL-ISA006V1 Datasheet
122Kb / 5P
6W Non-isolated fly-back topology power supply with VIPer12AS
23-Mar-2006
More results

Similar Description - STEVAL-ISA009V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD5 POWERINT-RD5 Datasheet
122Kb / 12P
Reference Design Board 85 to 265 VAC Input, 20W (30W Peak) Output
RD6 POWERINT-RD6 Datasheet
162Kb / 12P
85 to 265 VAC Input, 15W Output USB Reference Design Board
RD7 POWERINT-RD7 Datasheet
134Kb / 12P
PC Standby Reference Design Board 90 to 375 VDC Input, 3.5 W Output
RD8 POWERINT-RD8 Datasheet
133Kb / 12P
85 to 265 VAC Input, 3 W Output Reference Design Board
logo
STMicroelectronics
STEVAL-ISA023V2 STMICROELECTRONICS-STEVAL-ISA023V2 Datasheet
93Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
03-Dec-2007
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
logo
Arch Electronics Corp.
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
Universal Input: 90-264 VAC
AQFC480F_SERIES ARCH-AQFC480F_SERIES Datasheet
493Kb / 5P
Universal Input: 90-264 VAC
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
Universal Input: 90-264 VAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com