Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA012V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA012V1
Description  3 phase power supply with VIPer and Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA012V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA012V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA012V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA012V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA012V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2007
Rev 1
1/4
4
STEVAL-ISA012V1
3 phase power supply with VIPer and Power MOSFETs
Features
■ Minimum AC input voltage = 90 VAC
■ Maximum AC input voltage = 450 VAC
■ Time of hold up capability > 50 ms
■ Mean input power < 6 W (in compliance with
IEC62053-21)
■ Input connections allowed:
– 1-phase with neutral
– 2-phase without neutral
– 3-phase with neutral
■ VOUT1 = 5 V, IOUT1 = 10 mA
■ VOUT2 = 3.3 V, IOUT2 = 100 mA
■ Maximum precision error = 3%
■ Maximum ripple voltage = 50 mV
■ Line regulation = +/- 1%
■ Load regulation = +/- 1%
■ Output power (peak) = 550 mW
Description
This reference design represents a cost effective
solution for low power high voltage power
supplies. It has been developed to cover
applications requiring an ultra-wide input voltage
range (between 90 and 450 VAC), typical of three-
phase applications. This requires the use of very
high voltage components, which increases cost,
size, weight and the overall complexity of the
power supply. The circuit includes a switching
transistor connected between the input rectifier
and the DC bulk capacitor (STMicroelectronics
patent). The series switch limits the DC input
voltage of the power converter by means of a
driving circuit; thus the SMPS primary transistor
can be selected as a standard part as well as a
smart power primary IC.
Typical end applications for this solution can be
found in the industrial market in the range below 5
W, such as three-phase and single-phase power
meters, industrial bias power supplies and
auxiliary SMPS for high voltage street lighting,
where the input voltage can range from 90 VAC to
450 VAC and 1000 V Power MOSFETs are
currently used.
STEVAL-ISA012V1
www.st.com


Similar Part No. - STEVAL-ISA012V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
STEVAL-ISA011V1 STMICROELECTRONICS-STEVAL-ISA011V1 Datasheet
95Kb / 4P
VIPER12ADIP-E low power AC/DC adapter demonstration board (suitable for the STEVAL-ILL002V1)
23-Sep-2010
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
Output short circuit protection
20-Jul-2007
STEVAL-ISA014V1 STMICROELECTRONICS-STEVAL-ISA014V1 Datasheet
95Kb / 5P
VIPer12A travel adaptor 3.6W output
23-Mar-2006
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
Safety compliant in accordance with EN60950
29-Nov-2007
More results

Similar Description - STEVAL-ISA012V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA007V1 STMICROELECTRONICS-STEVAL-ISA007V1 Datasheet
129Kb / 5P
High power 3-phase auxiliary power supply evaluation board Based on L5991 and ESBT STC08DE150HV
27-Jun-2007
logo
Recom International Pow...
REDIN240-3AC RECOM-REDIN240-3AC Datasheet
617Kb / 8P
240 Watt 3 Phase DIN-Rail Power Supply
REDIN480-3AC RECOM-REDIN480-3AC Datasheet
638Kb / 8P
480 Watt 3 Phase DIN-Rail Power Supply
REDIN960-3AC RECOM-REDIN960-3AC Datasheet
625Kb / 8P
960 Watt 3 Phase DIN-Rail Power Supply
REDIN120-3AC RECOM-REDIN120-3AC Datasheet
608Kb / 8P
120 Watt 3 Phase DIN-Rail Power Supply
logo
Carlo Gavazzi Holding A...
SPPC CARLOGAVAZZI-SPPC Datasheet
3Mb / 36P
Single Phase Power Supply
SPMA CARLOGAVAZZI-SPMA Datasheet
2Mb / 18P
Single Phase Power Supply
SPDM CARLOGAVAZZI-SPDM Datasheet
5Mb / 29P
Single Phase Power Supply
logo
Maxim Integrated Produc...
MAX5074A MAXIM-MAX5074A Datasheet
78Kb / 2P
Power IC with Integrated MOSFETs for Isolated IEEE 802.3af PD and Telecom Power-Supply Applications
logo
PHOENIX CONTACT
100035 PHOENIX-100035 Datasheet
767Kb / 11P
3-Phase Primary-Switched Power Supply Unit
12/2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com