Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA019V3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA019V3
Description  80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA019V3 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA019V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA019V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA019V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA019V3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2011
Doc ID 018778 Rev 1
1/4
4
STEVAL-ISA019V3
80 W ESBT quasi-resonant wide-range SMPS demonstration
board based on the L6565 for 3-phase applications
Features
■ 3-phase 80 W auxiliary output SMPS
■ Quasi-resonant SMPS
■ Input: 180 VAC to 600 VAC
■ Output voltage: 24 V, 3.3 A
■ Maximum output power: 80 W
■ Efficiency > 80 %
■ Switching frequency > 50 kHz
■ Safety compliant according to EN60950
■ Feedback: secondary regulation
■ RoHS compliant
Description
The STEVAL-ISA019V3 demonstration board is a
3-phase auxiliary power supply with an 80 W dual
output SMPS, using the L6565 PWM driver and
the STC04IE170HP ESBT as the main switch.
The combination of these ST parts provides a
high-efficiency solution for high DC input voltage,
a typical requirement of any 3-phase application.
The necessity to handle both high output power
and wide input voltage is resolved using a flyback
stage working in mixed operation mode:
discontinuous and continuous.
STEVAL-ISA019V3
www.st.com


Similar Part No. - STEVAL-ISA019V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA019V1 STMICROELECTRONICS-STEVAL-ISA019V1 Datasheet
84Kb / 4P
Safety compliant according EN60950
29-Nov-2007
More results

Similar Description - STEVAL-ISA019V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
Wide range single-output demonstration board based on the VIPER37LE
16-May-2012
STEVAL-IPB001V1 STMICROELECTRONICS-STEVAL-IPB001V1 Datasheet
99Kb / 4P
2 W, 3-phase SMPS for breaker applications based on the STC04IE170HP ESBT
18-Nov-2010
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
17-Feb-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
STEVAL-ISA041V1 STMICROELECTRONICS-STEVAL-ISA041V1 Datasheet
163Kb / 4P
125 W SMPS based on the STP12IE95F4 ESBT switch with L6565 PWM controller
16-Apr-2010
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
UM0727 STMICROELECTRONICS-UM0727 Datasheet
1,015Kb / 18P
STEVAL-ISA018V1 demonstration board based on resonant half-bridge SMPS for industrial applications
18-May-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com