Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA023V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA023V2
Description  Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA023V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA023V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA023V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA023V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA023V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2007
Rev 1
1/4
4
STEVAL-ISA023V2
Flyback AC-DC converter evaluation board based on the VIPer53-E
with 24 W negative output
Features
■ Input voltage, Vin: from 90 to 265 Vrms
■ Negative output voltage: -5 V,-12 V
■ Standby consumption: <1 W
■ Total output power: 24 W
■ EMI requirements: EN55022 Class B
■ Safety: EN 60950
Description
This is an ideal solution for a 25 W switch mode
power supply (SMPS) dedicated to industrial or
white-goods applications. The board accepts a
wide range of input voltages (90 to 265 Vrms) and
delivers 2 negative output voltages. The switch-
mode power supply(SMPS) is based on the
VIPer53-E. The VIPer53-E combines an
enhanced current-mode PWM controller with a
high-voltage MDmesh™ Power MOSFET in the
same package. The main characteristics of the
evaluation board are its high efficiency and low
standby consumption. These, combined with the
minimal component count and global low cost
approach, makes it an ideal solution for powering
industrial or consumer equipment, while also
meeting worldwide consumption requirements.
STEVAL-ISA023V2
www.st.com


Similar Part No. - STEVAL-ISA023V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E
03-Dec-2007
More results

Similar Description - STEVAL-ISA023V2

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
logo
STMicroelectronics
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
50 W wide-range high power factor flyback converter demonstration board based on the L6564
11-Jun-2012
STEVAL-ISA009V1 STMICROELECTRONICS-STEVAL-ISA009V1 Datasheet
83Kb / 4P
VIPer53-E single output reference design board with 90 to 264 VAC input and 24 W output
28-Nov-2007
STEVAL-ISV001V1 STMICROELECTRONICS-STEVAL-ISV001V1 Datasheet
313Kb / 6P
1000 W dual stage DC-AC converter demonstration board based on the STP160N75F3
27-Nov-2008
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E
03-Dec-2007
logo
Monolithic Power System...
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com