Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA024V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA024V1
Description  20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA024V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA024V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA024V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA024V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA024V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
September 2008
Rev 1
1/4
4
STEVAL-ISA024V1
20 A step-down DC-DC converter demonstration board with
3.3 Vout and 250 kHz switching frequency, based on the L6725
Features
■ Input voltage, VIN: from 4.5 V to 14 V
■ Output voltage: 3.3 V
■ Selectable switching frequency: 250 kHz / 500
kHz
■ Over-voltage protection
■ Thermal shutdown
Description
This 4-layer PCB demonstration board is
designed as a step-down DC-DC converter to
demonstrate the operation of the L6725 device in
a general-purpose application. The input voltage
can range from 4.5 V to 14 V with an output
voltage of 3.3 V. The module can deliver an output
current in excess of 20 A. The L6725 device can
manage minimum ON times (TON) shorter than
100 ns. This makes possible conversions with
very low duty cycles and very high switching
frequencies. The switching frequency is initially
set at 250 kHz (controller free-running FSW), but
a switching frequency of 500 kHz can also be
selected.
STEVAL-ISA024V1
www.st.com


Similar Part No. - STEVAL-ISA024V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
07-Jul-2008
STEVAL-ISA022V1 STMICROELECTRONICS-STEVAL-ISA022V1 Datasheet
165Kb / 4P
Total maximum output power: 5.5 W
03-Dec-2007
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E
03-Dec-2007
STEVAL-ISA023V2 STMICROELECTRONICS-STEVAL-ISA023V2 Datasheet
93Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
03-Dec-2007
STEVAL-ISA025V1 STMICROELECTRONICS-STEVAL-ISA025V1 Datasheet
114Kb / 4P
Step-down DC-DC converter at 3.3 Vout/20 A and switching frequency of 400 kHz evaluation board based on L6730
27-Aug-2007
More results

Similar Description - STEVAL-ISA024V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
STEVAL-ISA042V2 STMICROELECTRONICS-STEVAL-ISA042V2 Datasheet
96Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03
28-Sep-2010
STEVAL-ISA044V1 STMICROELECTRONICS-STEVAL-ISA044V1 Datasheet
131Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
05-May-2008
STEVAL-ISA047V1 STMICROELECTRONICS-STEVAL-ISA047V1 Datasheet
214Kb / 4P
1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A
30-Jun-2009
STEVAL-ISA047V2 STMICROELECTRONICS-STEVAL-ISA047V2 Datasheet
219Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
01-Jul-2009
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
STEVAL-ISA025V1 STMICROELECTRONICS-STEVAL-ISA025V1 Datasheet
114Kb / 4P
Step-down DC-DC converter at 3.3 Vout/20 A and switching frequency of 400 kHz evaluation board based on L6730
27-Aug-2007
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
0.7 A step-down switching regulator demonstration board based on the L5980
02-Mar-2009
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com