Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA042V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA042V2
Description  1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA042V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA042V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA042V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA042V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA042V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2010
Doc ID 18024 Rev 1
1/4
4
STEVAL-ISA042V2
1.5 A / 3.3 V step-down DC-DC converter demonstration board
based on the ST1S03
Features
■ Adjustable current-mode PWM step-down DC-
DC converter
■ Output voltage, Vout : 3.3 V
■ Output current, Iout : 1.5 A
■ Internal compensation to eliminate additional
components
■ Pulse skipping for Iout lower than 15 mA, to
maintain the regulation with light loads
■ RoHS compliant
Description
The STEVAL-ISA042V2 demonstration board is a
step-down DC-DC converter optimized for
powering the low-voltage digital core in HDD
applications and, more generally, replacing the
high-current linear solution when the power
dissipation may cause excessive heating of the
application environment. It provides up to 1.5 A
over an input voltage range of 3 V to 16 V.
A high switching frequency (1.5 MHz) allows the
use of tiny surface-mounted components, as well
as the use of a resistor divider to set the output
voltage value. Only an inductor, a Schottky diode,
and two capacitors are required. In addition, a low
output ripple is guaranteed by the current-mode
PWM topology and by the use of low ESR SMD
ceramic capacitors. The device is thermal
protected and current limited to prevent damage
due to accidental short-circuits.
It uses the ST1S03 device.
The ST1S03 is available in a DFN6 (3x3mm)
package.
STEVAL-ISA042V2
www.st.com


Similar Part No. - STEVAL-ISA042V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA041V1 STMICROELECTRONICS-STEVAL-ISA041V1 Datasheet
163Kb / 4P
125 W SMPS based on the STP12IE95F4 ESBT switch with L6565 PWM controller
16-Apr-2010
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA043V2 STMICROELECTRONICS-STEVAL-ISA043V2 Datasheet
84Kb / 4P
1.5 A /1.2 V high-frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA044V1 STMICROELECTRONICS-STEVAL-ISA044V1 Datasheet
131Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
05-May-2008
STEVAL-ISA044V2 STMICROELECTRONICS-STEVAL-ISA044V2 Datasheet
132Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
01-Sep-2009
More results

Similar Description - STEVAL-ISA042V2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
STMicroelectronics
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
STEVAL-ISA047V1 STMICROELECTRONICS-STEVAL-ISA047V1 Datasheet
214Kb / 4P
1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A
30-Jun-2009
STEVAL-ISA047V2 STMICROELECTRONICS-STEVAL-ISA047V2 Datasheet
219Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
01-Jul-2009
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com