Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA043V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA043V2
Description  1.5 A /1.2 V high-frequency synchronous buck converter demonstration board based on the ST1S06
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA043V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA043V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA043V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA043V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA043V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18212 Rev 1
1/4
4
STEVAL-ISA043V2
1.5 A /1.2 V high-frequency synchronous buck converter
demonstration board based on the ST1S06
Features
■ Adjustable current-mode pulse width
modulation (PWM) synchronous, step-down
DC-DC converter with inhibit function
■ Input voltage, Vin: 2.5 V to 5.5 V
■ Output voltage, Vout: 3.3 V
■ Output current, Iout: 1.5 A
■ Switching frequency: 1.5 MHz
■ RoHS compliant
Description
This demonstration board, based on the ST1S06,
is an adjustable current-mode PWM synchronous,
step-down DC-DC converter with inhibit function.
It is optimized for powering all low-voltage
applications and, more generally, to replace the
high-current linear solution when the power
dissipation may cause overheating of the
application environment.
It provides up to 1.5 A over an input voltage range
of 2.5 V to 5.5 V.
A high switching frequency (1.5 MHz) enables the
use of tiny surface-mounted components (SMD).
In addition to the resistor divider used to set the
output voltage value, only an inductor and two
capacitors are required.
Moreover, low output ripple is guaranteed by the
current-mode PWM topology and by the use of
low series resistance (ESR) SMD ceramic
capacitors.
The device is thermal protected and current
limited to prevent damage due to accidental short
circuits.
It is a complete 1.5 A switching regulator with its
internal compensation eliminating the need for
additional components.
The constant-frequency, current-mode, PWM
architecture and stable operation with ceramic
capacitors results in a low, predictable output
ripple. To clamp the error amplifier reference
voltage, this device includes a soft-start control
block generating a voltage ramp.
The ST1S06 is available in a 6L-DFN 3x3
package.
STEVAL-ISA043V2
www.st.com


Similar Part No. - STEVAL-ISA043V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
More results

Similar Description - STEVAL-ISA043V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA042V2 STMICROELECTRONICS-STEVAL-ISA042V2 Datasheet
96Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03
28-Sep-2010
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA045V1 STMICROELECTRONICS-STEVAL-ISA045V1 Datasheet
104Kb / 4P
2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
03-Mar-2008
STEVAL-ISA047V1 STMICROELECTRONICS-STEVAL-ISA047V1 Datasheet
214Kb / 4P
1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A
30-Jun-2009
STEVAL-ISA047V2 STMICROELECTRONICS-STEVAL-ISA047V2 Datasheet
219Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
01-Jul-2009
STEVAL-ISA049V2 STMICROELECTRONICS-STEVAL-ISA049V2 Datasheet
170Kb / 4P
Synchronous dual buck converter with inhibit demonstration board based on the ST2S06B
01-Jul-2009
STEVAL-ISA077V1 STMICROELECTRONICS-STEVAL-ISA077V1 Datasheet
96Kb / 4P
High efficiency synchronous rectifier step-up converter demonstration board based on the L6920DB
17-Nov-2010
STEVAL-ISA077V2 STMICROELECTRONICS-STEVAL-ISA077V2 Datasheet
102Kb / 4P
High efficiency synchronous rectifier step-up converter demonstration board based on the L6920D
17-Nov-2010
STEVAL-ISA046V1 STMICROELECTRONICS-STEVAL-ISA046V1 Datasheet
80Kb / 4P
2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09 with inhibit
03-Mar-2008
STEVAL-ISA045V2 STMICROELECTRONICS-STEVAL-ISA045V2 Datasheet
97Kb / 4P
2 A / 3.3 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
03-Mar-2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com