Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA044V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA044V1
Description  3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA044V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA044V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA044V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA044V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA044V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
May 2008
Rev 1
1/4
4
STEVAL-ISA044V1
3 A synchronous 900 kHz step-down DC-DC converter
with inhibit function based on the ST1S10
Features
■ Input voltage range: 2.5 V to 18 V
■ Max Iout : 3 A
■ High internal switching frequency : 900 kHz
■ PWM mode operation with a fixed frequency or
synchronized to an external frequency
between 400 kHz and 1.2 MHz
■ Inhibit pin available
■ Quiescent current : < 6
µA in inhibit state
Description
The ST1S10 is a step-down DC-DC converter
with inhibit function optimized for powering high
voltages in LCD applications and low voltage,
digital core HDD applications. It replaces the high
current linear solution when high power
dissipation is a problem. It provides up to 3 A over
an input voltage range of 2.5 V to 18 V, and
synchronous rectification removes the need for an
external Schottky diode. A high internal switching
frequency (900 kHz) allows for the use of tiny
surface-mount components, as well as the
resistor divider to set the output voltage value.
Only an inductor and 3 capacitors are required.
The current mode PWM architecture and stable
operation with low-ESR SMD ceramic capacitors
result in low output ripple. To maximize power
conversion efficiency in light load, the regulator
can work in burst mode automatically. The device
can operate in PWM mode with a fixed frequency
or synchronized to an external frequency. It
switches at a frequency of 900 kHz when the
SYNC pin is connected to ground or a fixed
voltage (less than 5.5 V), and can synchronize the
switching frequency between 400 kHz to 1.2 MHz
from external clock that is applied to SYNC pin. A
thermal shutdown circuit is integrated and
activates at 150 °C. Cycle-by-cycle current
limitation provides protection against shorted
outputs.
The quiescent current is less than 6
µA in inhibit
state. The device is available in MLP4x4 and
SO-8 ePad packages.
STEVAL-ISA044V1
www.st.com


Similar Part No. - STEVAL-ISA044V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA044V2 STMICROELECTRONICS-STEVAL-ISA044V2 Datasheet
132Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
01-Sep-2009
STEVAL-ISA044V5 STMICROELECTRONICS-STEVAL-ISA044V5 Datasheet
343Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10 (Power SO-8)
11-Oct-2011
STEVAL-ISA044V6 STMICROELECTRONICS-STEVAL-ISA044V6 Datasheet
311Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10 (DFN)
25-Oct-2011
More results

Similar Description - STEVAL-ISA044V1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SPI-8010A ALLEGRO-SPI-8010A Datasheet
244Kb / 9P
3 A, DC/DC Step-Down Converter
logo
STMicroelectronics
ST1S10 STMICROELECTRONICS-ST1S10 Datasheet
787Kb / 26P
3 A, 900 kHz, monolithic synchronous step-down regulator
25-Oct-2007
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
STEVAL-ISA044V2 STMICROELECTRONICS-STEVAL-ISA044V2 Datasheet
132Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
01-Sep-2009
STEVAL-ISA044V6 STMICROELECTRONICS-STEVAL-ISA044V6 Datasheet
311Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10 (DFN)
25-Oct-2011
STEVAL-ISA047V1 STMICROELECTRONICS-STEVAL-ISA047V1 Datasheet
214Kb / 4P
1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A
30-Jun-2009
STEVAL-ISA047V2 STMICROELECTRONICS-STEVAL-ISA047V2 Datasheet
219Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
01-Jul-2009
STEVAL-ISA044V5 STMICROELECTRONICS-STEVAL-ISA044V5 Datasheet
343Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10 (Power SO-8)
11-Oct-2011
logo
Texas Instruments
LMS3655 TI1-LMS3655 Datasheet
1Mb / 49P
5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655 TI1-LMS3655_17 Datasheet
2Mb / 52P
5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com