Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA045V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA045V1
Description  2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA045V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA045V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA045V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA045V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA045V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
March 2008
Rev 1
1/4
4
STEVAL-ISA045V1
2 A / 1.2 V high-efficiency synchronous buck converter
evaluation board based on the ST1S09
Features
■ Input voltage range: 2.7 V to 5.5 V
■ Output voltage: 1.2 V
■ Max Iout: 2 A
■ High internal switching frequency: 1.5 MHz
■ Short-circuit protection
■ ST1S09 in the DFN6 3x3 package
Description
This evaluation board, based on the ST1S09
family of synchronous step-down DC-DC
converters, is optimized for powering all low-
voltage applications and, generally, replaces high
current linear solutions when power dissipation
may cause high heating of the application
environment.
It provides up to 2 A over an input voltage range
of 2.7 V to 5.5 V.
A high 1.5 MHz switching frequency allows the
use of tiny surface-mount components and in
addition to the resistor divider to set the output
voltage value, an inductor and two capacitors are
required.
A low output ripple is guaranteed by the current
mode PWM topology and by the use of low ESR
surface-mount ceramic capacitors.
The device is thermally protected and current
limited to prevent damage due to accidental short-
circuit.
The ST1S09 family is available in the DFN6 3x3
package.
STEVAL-ISA045V1
www.st.com


Similar Part No. - STEVAL-ISA045V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA045V2 STMICROELECTRONICS-STEVAL-ISA045V2 Datasheet
97Kb / 4P
2 A / 3.3 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
03-Mar-2008
More results

Similar Description - STEVAL-ISA045V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA043V2 STMICROELECTRONICS-STEVAL-ISA043V2 Datasheet
84Kb / 4P
1.5 A /1.2 V high-frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA046V2 STMICROELECTRONICS-STEVAL-ISA046V2 Datasheet
92Kb / 4P
2 A / 3.3 V high-efficiency synchronous buck converter evaluation board based on the ST1S09 with inhibit
03-Mar-2008
STEVAL-ISA077V1 STMICROELECTRONICS-STEVAL-ISA077V1 Datasheet
96Kb / 4P
High efficiency synchronous rectifier step-up converter demonstration board based on the L6920DB
17-Nov-2010
STEVAL-ISA077V2 STMICROELECTRONICS-STEVAL-ISA077V2 Datasheet
102Kb / 4P
High efficiency synchronous rectifier step-up converter demonstration board based on the L6920D
17-Nov-2010
AN2603 STMICROELECTRONICS-AN2603 Datasheet
721Kb / 23P
ST1S09 high efficiency synchronous buck converter
23-Feb-2011
STEVAL-ISA046V1 STMICROELECTRONICS-STEVAL-ISA046V1 Datasheet
80Kb / 4P
2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09 with inhibit
03-Mar-2008
STEVAL-ISA045V2 STMICROELECTRONICS-STEVAL-ISA045V2 Datasheet
97Kb / 4P
2 A / 3.3 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
03-Mar-2008
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com