Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA047V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA047V1
Description  1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA047V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA047V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA047V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA047V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA047V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2009
Doc ID 15972 Rev 1
1/4
4
STEVAL-ISA047V1
1.5 A / 1.2 V step-down DC-DC converter
demonstration board based on the ST1S03A
Features
■ Step-down current mode PWM (1.5 MHz)
DC-DC converter
■ 2% DC output voltage tolerance
■ Internal soft-start for start-up current limitation
and power on delay of 50-100 µs
■ Typical efficiency: > 85%
■ Inhibit function
■ 1.5 A output current capability
■ Not switching quiescent current: max 1.5 mA
(overtemperature range)
■ Switch VDS: max 200 mV @ ISW = 750 mA
■ Uses tiny capacitors and inductors
■ RoHS compliant
Description
This demonstration board is based on the
ST1S03A, an adjustable current mode PWM
step-down DC-DC converter with internal 1.5 A
power switch, packaged in a 6-lead DFN 3x3 mm.
It's a complete 1.5 A switching regulator with its
internal compensation eliminating additional
component.
The constant frequency, current mode, PWM
architecture and stable operation with ceramic
capacitors results in low, predictable output ripple.
However, in order to maximize the power
conversion efficiency with light load, the regulator
reduces automatically the switching frequency
when the output load becomes less than 250 mA
typically.
STEVAL-ISA047V1
www.st.com


Similar Part No. - STEVAL-ISA047V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA047V2 STMICROELECTRONICS-STEVAL-ISA047V2 Datasheet
219Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
01-Jul-2009
More results

Similar Description - STEVAL-ISA047V1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
logo
STMicroelectronics
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
STEVAL-ISA042V2 STMICROELECTRONICS-STEVAL-ISA042V2 Datasheet
96Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03
28-Sep-2010
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA043V2 STMICROELECTRONICS-STEVAL-ISA043V2 Datasheet
84Kb / 4P
1.5 A /1.2 V high-frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA047V2 STMICROELECTRONICS-STEVAL-ISA047V2 Datasheet
219Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
01-Jul-2009
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com