Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA050V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA050V1
Description  Monolithic VR for chipset and DDR2/3 demonstration board based on the PM6641
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA050V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA050V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA050V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA050V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA050V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2008
Rev 1
1/4
4
STEVAL-ISA050V1
Monolithic VR for chipset and DDR2/3 demonstration board
based on the PM6641
Features
■ Switching section
– 0.8 V ±1% voltage reference
– 2.7 V to 5.5 V input voltage range
– Fast response, constant frequency, current
mode control
– Three independent, adjustable, SMPS For
DDR2/3 (VDDQ) and chipset supply
– S3-S5 states compliant DDR2/3 section
– Active soft-end for all outputs
– Selectable tracking discharge for VDDQ
– Separate Power Good signals
– Pulse skipping at light load
– Programmable current limit and soft-start
for all outputs
– Latched OVP, UVP protection
– Thermal protection
■ Reference and termination voltages (VTTREF
and VTT)
– ±2 Apk LDO for DDR2/3 termination (VTT)
with fold back
– Remote VTT output sensing
– High-Z VTT output in S3
– ±15 mA low noise DDR2/3 buffered
reference (VTTREF)
Application
■ Supply for ultra-mobile PC (UMPC)
Description
The STEVAL-ISA050V1 demonstration board is
based on the PM6641, that is a monolithic voltage
regulator module, with internal Power MOSFET,
specifically designed to supply DDR2/3 memory
and chipset in ultra-mobile PC and real estate
portable systems. It integrates three independent,
adjustable, constant frequency buck converters, a
±2 Apk low drop-out (LDO) linear regulator and a
±15 mA low noise buffered reference. Each
regulator is provided of basic under voltage (UV)
and over voltage (OV) protections, programmable
soft-start and current limit, active soft-end and
pulse-skipping at light loads.
STEVAL-ISA050V1
www.st.com


Similar Part No. - STEVAL-ISA050V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA051V1 STMICROELECTRONICS-STEVAL-ISA051V1 Datasheet
152Kb / 4P
Complete DDR2/3 memory power supply controller evaluation board based on the PM6670S
11-Feb-2008
STEVAL-ISA051V2 STMICROELECTRONICS-STEVAL-ISA051V2 Datasheet
131Kb / 4P
Latched OVP, UVP and thermal shutdown
03-Mar-2008
STEVAL-ISA052V1 STMICROELECTRONICS-STEVAL-ISA052V1 Datasheet
123Kb / 4P
Negative current limit
12-Nov-2010
STEVAL-ISA052V2 STMICROELECTRONICS-STEVAL-ISA052V2 Datasheet
137Kb / 4P
Negative current limit
05-May-2008
STEVAL-ISA053V1 STMICROELECTRONICS-STEVAL-ISA053V1 Datasheet
189Kb / 4P
Demonstration board for the PM6680 dual step-down controller with adjustable output voltage for notebook power system
29-Sep-2008
More results

Similar Description - STEVAL-ISA050V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6641 STMICROELECTRONICS-PM6641 Datasheet
2Mb / 47P
Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
16-Jan-2008
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
MEMS microphone demonstration board based on the MP34DB01 and STM32
27-Mar-2012
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
MEMS microphone demonstration board based on the MP34DT01 and STM32
27-Mar-2012
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
MEMS microphone demonstration board based on the MP45DT02 and STM32
27-Mar-2012
STEVAL-ILL029V1 STMICROELECTRONICS-STEVAL-ILL029V1 Datasheet
147Kb / 7P
Front panel demonstration board based on the STLED325 and STM8S
23-Jun-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-IPE008V1 STMICROELECTRONICS-STEVAL-IPE008V1 Datasheet
287Kb / 8P
Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
25-Nov-2008
AN2787 STMICROELECTRONICS-AN2787 Datasheet
2Mb / 37P
Monolithic VR demonstration board for chipset
05-Sep-2008
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com