Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA053V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA053V1
Description  Demonstration board for the PM6680 dual step-down controller with adjustable output voltage for notebook power system
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA053V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA053V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA053V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA053V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA053V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
September 2008
Rev 1
1/4
4
STEVAL-ISA053V1
Demonstration board for the PM6680 dual step-down controller
with adjustable output voltage for notebook power system
Features
■ Constant on-time control allows very fast load
transients
■ 6 V to 28 V input voltage range
■ 5 V auxiliary output voltage
■ Accurate current limit with sense resistor
■ Adjustable switching outputs
■ Lossless current sensing
■ Negative current limit
■ Soft-start internally fixed at 2.8 ms
■ Soft-end for output discharge
■ 200 kHz / 300 kHz, 300 kHz / 400 kHz, 400 kHz
/ 500 kHz (5 V / 3 V selectable switching
frequency)
■ Selectable pulse skip and no-audible skip
modes at light loads
■ Independent Power Good signals
Description
The PM6680 is a dual step-down controller with
adjustable output voltages for notebook computer
power systems. The STEVAL-ISA053V1
demonstration board is designed to test the
performance of the PM6680 by employing a
typical application circuit which allows testing of
all PM6680 device functions. The board features
two switching sections, with (typically) 1.5 V and
1.05 V outputs, from a 6 V to 28 V input battery
voltage. The operating switching frequency of the
two switching sections is 200 kHz / 300 kHz,
respectively. Each switching section delivers more
than 5 A of output current. Moreover, an internal
linear regulator can provide 5 V @ 100 mA peak
current.
STEVAL-ISA053V1
www.st.com


Similar Part No. - STEVAL-ISA053V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA053V2 STMICROELECTRONICS-STEVAL-ISA053V2 Datasheet
179Kb / 4P
Independent power good signals
06-Jun-2008
More results

Similar Description - STEVAL-ISA053V1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
23-Sep-2005
PM6680 STMICROELECTRONICS-PM6680 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
28-Aug-2007
PM6680 STMICROELECTRONICS-PM6680_08 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
21-Jan-2008
PM6685 STMICROELECTRONICS-PM6685_07 Datasheet
2Mb / 52P
Dual step-down main supply controller with auxilary voltages for notebook system power
18-Oct-2007
STEVAL-ISA067V1 STMICROELECTRONICS-STEVAL-ISA067V1 Datasheet
204Kb / 4P
Dual step-down controller with auxiliary voltages demonstration board based on the PM6681A for industrial system power
29-Apr-2009
PM6686TR STMICROELECTRONICS-PM6686TR Datasheet
1Mb / 50P
Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook
23-Jul-2009
AN2566 STMICROELECTRONICS-AN2566 Datasheet
633Kb / 29P
PM6680 evaluation kit dual step-down controller
07-Apr-2008
logo
Linear Technology
LTC3886 LINER-LTC3886 Datasheet
686Kb / 8P
Programming Board for Dual Output Step Down DC/DC Controller with Digital Power System Management
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com