Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA062V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA062V1
Description  6 W dual output SMPS demonstration board based on the VIPER17
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA062V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA062V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA062V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA062V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA062V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2009
Doc ID 15850 Rev 1
1/4
4
STEVAL-ISA062V1
6 W dual output SMPS demonstration board based on the VIPER17
Features
■ Input voltage range: 85 Vac to 264 Vac
■ Input frequency: 47 Hz to 63 Hz
■ Temperature range from: 0° to 85 °C 105°C
possible
■ Output voltage and current # 1: 5 V @ 0.5 A
■ Output voltage and current # 2: 12 V @ 0.25 A
■ Load and cross regulation #1: +/-1%
■ Load and cross regulation #2: +/-10%
■ Output power: 5.5 W
■ Line regulation: +/- 0.2%
■ Efficiency: 80% typical at 12 V output
■ Safety: overvoltage, overcurrent, brown out
■ EMI: EN55022 class “B”
Description
This demonstration board is based on the new
VIPer17H device, that is a converter that offers in
one package a PWM controller built in BCD6
technology and a 800 V avalanche rugged vertical
power section.
The VIPer17H switches at 115 kHz and can
deliver 6 W from wide range operation from 85
Vac to 305 Vac. It can also deliver 10 W when
operating from European range of 175 Vac to 264
Vac.
This demonstration board has additional features
asked by many customers:
Standby wattage as low as 50 mW at no load.
Frequency jittering is implemented to make EMI
measurement meet today's standards. Adjustable
overload. Output short-circuit protection for hard
short such as transformer saturation or shorted
diode. Adjustable brown out and brown in feature.
Output over voltage protection.
The same PCB board has been designed in such
a way that can be populated for either the double
or even single output. The only difference
between them is the extra output parts, the
transformer, and the voltage divider for the
feedback loop.
STEVAL-ISA062V1
www.st.com


Similar Part No. - STEVAL-ISA062V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
More results

Similar Description - STEVAL-ISA062V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
Demonstration board on 7 W single output based on the VIPer17
05-Jun-2008
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
09-Jun-2008
STEVAL-ISA058V1 STMICROELECTRONICS-STEVAL-ISA058V1 Datasheet
215Kb / 4P
5 W single output SMPS demonstration board based on the VIPer17 off-line high voltage converter
26-Aug-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
STEVAL-ISV001V1 STMICROELECTRONICS-STEVAL-ISV001V1 Datasheet
313Kb / 6P
1000 W dual stage DC-AC converter demonstration board based on the STP160N75F3
27-Nov-2008
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
300 W photovoltaic converter demonstration board based on the SPV1020
08-Aug-2011
AN2753 STMICROELECTRONICS-AN2753 Datasheet
1Mb / 31P
6 W single-output VIPer17 demonstration board
19-Oct-2009
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
6 W single output SMPS demonstration board
February 2009 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com