Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA070V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA070V1
Description  3 A / 1.5 MHz step-down synchronous switching regulator based on the ST1S31 in SO-8 package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA070V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA070V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA070V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA070V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA070V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
April 2012
Doc ID 023067 Rev 1
1/4
4
STEVAL-ISA070V1
3 A / 1.5 MHz step-down synchronous switching regulator based on
the ST1S31 in SO-8 package
Data brief
Features
■ 4 A peak output current
■ 2.8 V to 5.5 V input voltage
■ Output voltage adjustable from 0.8 V
■ 1.5 MHz switching frequency
■ Internal soft-start and enable
■ Integrated 60 m
Ωand 45 mΩpower MOSFETs
■ All ceramic capacitor
■ Power Good (POR)
■ Cycle-by-cycle current limiting
■ Current foldback short-circuit protection
■ RoHS compliant
Description
The STEVAL-ISA070V1 demonstration board is
based on the ST1S31, an internally compensated
1.5 MHz fixed-frequency PWM synchronous
step-down regulator. This device operates from
2.8 V to 5.5 V input, while it regulates an output
voltage as low as 0.8 V and up to Vin.
The peak current mode control with internal
compensation delivers a very compact solution
with a minimum component count.
www.st.com


Similar Part No. - STEVAL-ISA070V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
STEVAL-ISA075V1 STMICROELECTRONICS-STEVAL-ISA075V1 Datasheet
228Kb / 4P
RoHS compliant
15-Jan-2014
STEVAL-ISA076V1 STMICROELECTRONICS-STEVAL-ISA076V1 Datasheet
85Kb / 4P
Both linear and quasi-pulse operation
03-May-2011
STEVAL-ISA076V2 STMICROELECTRONICS-STEVAL-ISA076V2 Datasheet
94Kb / 4P
USB compatible battery charger demo board with integrated power switch for Li-Ion/Li-Polymer based on the L6924U
25-Feb-2011
STEVAL-ISA077V1 STMICROELECTRONICS-STEVAL-ISA077V1 Datasheet
96Kb / 4P
High efficiency synchronous rectifier step-up converter demonstration board based on the L6920DB
17-Nov-2010
More results

Similar Description - STEVAL-ISA070V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
09-Sep-2010
STEVAL-ISA069V1 STMICROELECTRONICS-STEVAL-ISA069V1 Datasheet
281Kb / 4P
3 A / 1.5 MHz step-down synchronous switching regulator based on the ST1S31 in DFN 3x3 package
06-Apr-2012
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
1.5 A step-down switching regulator based on the L5973AD
22-Aug-2012
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
STEVAL-ISA099V1 STMICROELECTRONICS-STEVAL-ISA099V1 Datasheet
296Kb / 4P
3 A step-down switching demonstration board based on the L7986 in DFN10 package
27-Apr-2012
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
3 A step-down switching regulator evaluation board based on the L5987
15-Mar-2017
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com